Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX30002 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX30002
Description  Ultra-Low-Power, Single-Channel Integrated Bioimpedance (BioZ) AFE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX30002 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX30002 Datasheet HTML 17Page - Maxim Integrated Products MAX30002 Datasheet HTML 18Page - Maxim Integrated Products MAX30002 Datasheet HTML 19Page - Maxim Integrated Products MAX30002 Datasheet HTML 20Page - Maxim Integrated Products MAX30002 Datasheet HTML 21Page - Maxim Integrated Products MAX30002 Datasheet HTML 22Page - Maxim Integrated Products MAX30002 Datasheet HTML 23Page - Maxim Integrated Products MAX30002 Datasheet HTML 24Page - Maxim Integrated Products MAX30002 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
SPI Interface Description
32 Bit Normal Mode Read/Write Sequences
The MAX30002 interface is SPI/QSPI/Micro-wire/DSP
compatible. The operation of the SPI interface is shown
in Figure 1a. Data is strobed into the MAX30002 on SCLK
rising edges. The device is programmed and accessed by
a 32 cycle SPI instruction framed by a CSB low interval.
The content of the SPI operation consists of a one byte
command word (comprised of a seven bit address and a
Read/Write mode indicator, i.e., A[6:0] + R/W) followed by
a three-byte data word. The MAX30002 is compatible with
CPOL = 0/CPHA = 0 and CPOL = 1/CPHA = 1 modes of
operation.
Write mode operations will be executed on the 32nd SCLK
rising edge using the first four bytes of data available. In
write mode, any data supplied after the 32nd SCLK rising
edge will be ignored. Subsequent writes require CSB to
de-assert high and then assert low for the next write com-
mand. In order to abort a command sequence, the rise
of CSB must precede the updating (32nd) rising-edge of
SCLK, meeting the tCSA requirement.
Read mode operations will access the requested data
on the 8th SCLK rising edge, and present the MSB of
the requested data on the following SCLK falling edge,
allowing the µC to sample the data MSB on the 9th SCLK
rising edge. Configuration, Status, and FIFO data are all
available via normal mode read back sequences. If more
than 32 SCLK rising edges are provided in a normal read
sequence then the excess edges will be ignored and the
device will read back zeros.
If accessing the STATUS register or the BIOZ FIFO mem-
ory, all interrupt updates will be made and the internal
FIFO read pointer will be incremented in response to the
30th SCLK rising edge, allowing for internal synchroniza-
tion operations to occur. See the data tag structures used
within the FIFO for means of detecting end-of-file (EOF)
samples, invalid (empty samples) and other aides for
efficiently using and managing normal mode read back
operations.
Burst Mode Read Sequence
The MAX30002 provides commands to read back the
BIOZ FIFO memory in a burst mode to increase data
transfer efficiency. Burst mode uses different regis-
ter addresses than the normal read sequence register
addresses. The first 32 SCLK cycles operate exactly as
described for the normal mode. If the µC continues to
provide SCLK edges beyond the 32nd rising edge, the
MSB of the next available FIFO word will be presented
on the next falling SCLK edge, allowing the µC to sample
the MSB of the next word on the 33rd SCLK rising edge.
Any affected interrupts and/or FIFO read pointers will be
incremented in response to the (30+nx24)th SCLK rising
edge where n is an integer starting at 0. (i.e., on the 30th,
54th, and 78th SCLK rising-edges for a three-word, burst-
mode transfer).
This mode of operation will continue for every 24 cycle
sub frame, as long as there is valid data in the FIFO. See
the data tag structures used within each FIFO for means
of detecting end-of-file (EOF) samples, invalid (empty
samples) and other aides for efficiently using and manag-
ing burst mode read back operations.
There is no burst mode equivalent in write mode.
MAX30002
Ultra-Low-Power, Single-Channel Integrated
Bioimpedance (BioZ) AFE
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com