Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5452859 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 5452859
Description  Printed-circuit board connector - BCVP-500W- 4 BK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5452859 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  5452859 Datasheet HTML 1Page - PHOENIX CONTACT 5452859 Datasheet HTML 2Page - PHOENIX CONTACT 5452859 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/us/products/5452859
04/25/2016   Page 1 / 3
Printed-circuit board connector - BCVP-500W- 4 BK - 5452859
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 4, Pitch: 5 mm,
Connection method: Screw connection with tension sleeve, Color: black, Contact surface: Tin
The figure shows a 5-pos. version of
the product in gray
Key Commercial Data
Packing unit
1 pc
Minimum order quantity
100 pc
Weight per Piece (excluding packing)
8.4 g
Custom tariff number
85366990
Country of origin
Germany
Classifications
eCl@ss
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27261101
eCl@ss 7.0
27141110
eCl@ss 8.0
27440309
eCl@ss 9.0
27440309
ETIM
ETIM 3.0
EC001121
ETIM 4.0
EC002638
ETIM 5.0
EC002638


Similar Part No. - 5452859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452850 PHOENIX-5452850 Datasheet
83Kb / 3P
Printed-circuit board connector - BCVP-381W-10 BK
04/25/2016
5452851 PHOENIX-5452851 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-11 BK
5452852 PHOENIX-5452852 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-12 BK
5452853 PHOENIX-5452853 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-13 BK
5452854 PHOENIX-5452854 Datasheet
84Kb / 3P
Printed-circuit board connector - BCVP-381W-14 BK
More results

Similar Description - 5452859

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
5452863 PHOENIX-5452863 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 8 BK
5452875 PHOENIX-5452875 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-20 BK
5452872 PHOENIX-5452872 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-17 BK
5452874 PHOENIX-5452874 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-19 BK
5452876 PHOENIX-5452876 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-21 BK
5452878 PHOENIX-5452878 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-23 BK
5452879 PHOENIX-5452879 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-24 BK
5452869 PHOENIX-5452869 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W-14 BK
5452864 PHOENIX-5452864 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 9 BK
5452858 PHOENIX-5452858 Datasheet
89Kb / 3P
Printed-circuit board connector - BCVP-500W- 3 BK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com