Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FUSBLC6-2 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FUSBLC6-2
Description  Low Capacitance TVS Array
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FUSBLC6-2 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FUSBLC6-2 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 7Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd FUSBLC6-2 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FUSBLC6-2/FDA0561T
Low Capacitance TVS Array
Document Number:F11910A
26-May-2021 V 2.0
www.futurewafer.com.tw
DC Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
Breakdown Voltage
V BR
It = 1mA , Ta = 25°C
6.1
-
9.6
V
Leakage Current
I L
V = 5.5V ,
Pin 5 to GND
-
-
0.15
uA
Protection Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
Clamping Voltage
V CL,SURGE
IPP = 1A,8/20us,
-
-
12
V
IPP = 5A,8/20us,
-
-
15
Peak Pulse Current
I PP
Tp = 8/20us
-
-
5
A
AC Characteristics
Parameter
Symbol
Test Condition
Value
Units
Min.
Typ.
Max.
C L
V = 0V,f = 1MHZ,
I/O to I/O
-
0.5
0.8
pF
Line Capacitance
V = 0V,f = 1MHZ,
I/O to GND
-
0.6
1.0
6. Electrical Characteristics
PPPM Peak Pulse Power Dissipation-Max Power Dissipation
VR
Stand-off Voltage-Maximum Voltage That Can be Applied to The TVS Without Operation
IR
Reverse Leakage Current-Current Measured at VR
VF
Forward Voltage Drop for Uni-directional
VBR
Breakdown Voltage-Maximum Voltage that Flows Though the TVS at a Specified Test Current(IT)
VC
Clamping Voltage-Peak Voltage Measured Across the Suppressor at a Specified Ippm
(Peak Impulse Current)
7. I-V Curve Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com