Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW
Description  Commom Mode Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
RoHS Compliant
Halogen Free
REACH Compliant
Part Numbering
0735
7.0x6.0x3.5
T
Tape and Reel
501
500
0945
9.0x7.0x4.5
1206
12.3x11.3x6
Recommend Reflow Profile
(mm)
0735
Series Name
Dimensions Code
T
Impedance
(Ω)
501
Commom Mode Choke
LDW Series
Packaging
LDW
Rev :
www.leiditech.com
01.06.2018
1/9


Similar Part No. - LDW

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LDW-10SM LETEX-LDW-10SM Datasheet
123Kb / 2P
Reed Switch specifications
LDW-11SM LETEX-LDW-11SM Datasheet
138Kb / 2P
Reed Switch specifications
logo
Shanghai Leiditech Elec...
LDW0735T LEIDITECH-LDW0735T Datasheet
437Kb / 7P
Commom Mode Choke
LDW0735T-101T LEIDITECH-LDW0735T-101T Datasheet
437Kb / 7P
Commom Mode Choke
LDW0735T-102T LEIDITECH-LDW0735T-102T Datasheet
437Kb / 7P
Commom Mode Choke
More results

Similar Description - LDW

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LCA220 CLARE-LCA220 Datasheet
197Kb / 6P
Commom Input OptoMOS Relays
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
COMMON MODE CHOKE
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
Common-Mode Choke
logo
Sumida Corporation
LF2823 SUMIDA-LF2823_16 Datasheet
129Kb / 1P
AC Commom mode coil
LF2429 SUMIDA-LF2429_16 Datasheet
186Kb / 2P
AC Commom mode coil
LF2420 SUMIDA-LF2420_16 Datasheet
149Kb / 1P
AC Commom mode coil
LF2115 SUMIDA-LF2115_16 Datasheet
118Kb / 1P
AC Commom mode coil
LF2020 SUMIDA-LF2020_16 Datasheet
123Kb / 1P
AC Commom mode coil
logo
Shanghai Leiditech Elec...
LDW43 LEIDITECH-LDW43 Datasheet
1Mb / 7P
Commom Mode Choke
LDW0735T LEIDITECH-LDW0735T Datasheet
437Kb / 7P
Commom Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com