Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDW0945 Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LDW0945
Description  Commom Mode Choke
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LDW0945 Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LDW0945 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd LDW0945 Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
■
Reliability
1-1.Mechanical Performance
No
Item
Specification
1-1-1 Board Flex
The forces applied on the right
Refer to AEC-Q200-005
conditions must not damage
Test device shall be soldered on the substrate
the terminal electrode and the
Substrate Dimension: 100x40x1.6mm
ferrite
Deflection: 2.0mm
Keeping Time: 60sec
1-1-2
Resistance to Soldering Heat Appearance: No damage
Refer to MIL-STD-202 Method 210
Inductance change shall be
Pre-heating: 150℃, 1min
within ±10%.
Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
Solder Temperature: 250±5℃
Immersion Time: 10±1sec
1-1-3
Solder ability
The electrodes shall be at
Refer to J-STD-002
least 95% covered with new
Pre-heating: 150℃, 1min
solder coating
Solder Composition: Sn/Ag3.0/Cu0.5(Pb-Free)
Solder Temperature: 245±5℃(Pb-Free)
Immersion Time: 4±1sec
1-1-4
Terminal Strength Test
Appearance: No damage
Refer AEC-Q200-006
Soldered on PCB for testing as fig.
Force : 1.8kg
Keeping Time: 60 seconds.
1-1-5
Resistance to Solvent
There must be no change in
Refer to MIL-STD-202 Method 215
appearance or obliteration of
Inductors must withstand 6 mimutes of alcohol or water.
marking
Sample Size : 15 pcs
1-1-6
Vibration
Appearance: No damage
Refer MIL-STD-202 Method 204
Inductance change shall be
Vibration waveform: Sine waveform
within ±10%.
Vibration frequency: 10Hz~2000Hz
Vibration acceleration: 5g
Sweep rate: 0.764386otcave/minute
Duration of test: 12 cycles each of 3 orientations,
20 minutes for each cycle
Vibration axes: X, Y & Z
1-2.Environmental Performance
No
Item
Specification
1-2-1 Temperature Cycle
Appearance: No damage
Refer to JESD Method JA-104
Inductance change shall be
Total cycles: 1000 cycles
within±30%
Temperature Cycling Test Conditions : -40 to +125 ℃
-40 ℃ Soak Mode Condition : 30 minutes
125 ℃ Soak Mode Condition : 30 minutes
Measured after exposure in the room condition for 24hrs
1-2-2 Biased Humidity Resistance
Refer to MIL-STD-202 Method 103
Temperature: 85±2℃
Relative Humidity:85% / Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-3 High
Refer to MIL-STD-202 Method 108
Temperature Exposure
Temperature: 125±3℃ / Relative Humidity: 0%
(Storage)
Applied Current: Rated Current /Time: 1000hrs
Measured after exposure in the room condition for 24hrs
1-2-4 Operational Life
Refer to MIL-STD-202 Method 108
Temperature: 85±3℃
Applied Current : Rated Current
Time: 1000hrs
Measured after exposure in the room condition for 24hrs
Test Method
Test Method
LDW Series
Rev :
www.leiditech.com
01.06.2018
8/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com