Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LHCC10030-3R3M-R7A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LHCC10030-3R3M-R7A
Description  Moiding power lnducto rs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LHCC10030-3R3M-R7A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LHCC10030-3R3M-R7A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10030-3R3M-R7A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10030-3R3M-R7A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10030-3R3M-R7A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10030-3R3M-R7A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LHCC10030-3R3M-R7A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LHCC series is designed for low profile type with low RDC and ultra
large current. Its molded magnetic shielded type is suitable for
high-density mounting and ultra low buzz noise. Soldering conditions
can be easily confirmed when mounting onto the board. This series
also provides customers with embossed carrier type packaging for
automatic mounting machine.
Features
Applications
 RoHS, Halogen Free and REACH Compliance
 High rated current
 Ultra low buzz noise
 Laptops and PCs
 Switchs and servers
 Base stations
 DC/DC converters
Product Identification
Shape and Dimensions
Recommended Pattern
Dimensions in mm
TYPE
A
B Max
C Max
D
F
04012
4.1±0.2
4.6±0.2
1.2
1.5±0.3
1.0±0.5
04015
4.1±0.2
4.6±0.2
1.5
1.5±0.3
1.0±0.5
04020
4.1±0.2
4.6±0.2
2.0
1.5±0.3
1.0±0.5
05012
5.4±0.35
5.7±0.2
1.2
2.0±0.3
1.5±0.3
05015
5.4±0.35
5.7±0.2
1.5
2.0±0.3
1.5±0.3
05018
5.4±0.35
5.7±0.2
1.8
2.0±0.3
1.5±0.3
05020
5.4±0.35
5.7±0.2
1.8±0.2
2.0±0.3
1.5±0.3
05030
5.4±0.35
5.7±0.2
3.0
2.0±0.3
1.5±0.3
06012
6.6±0.2
7.3
1.2
2.9
1.6±0.5
06015
6.6±0.2
7.3
1.3±0.2
2.9
1.6±0.5
06018
6.6±0.2
7.3
1.6±0.2
2.9
1.6±0.5
06024
6.6±0.2
7.3
2.4
2.9
1.6±0.5
06030
6.6±0.2
7.3
3.0
2.9
1.6±0.5
06050
6.6±0.2
7.3
5.0
2.9
1.6±0.5
10030
10.1±0.3
11.6
3.0
3.0
2.5±0.5
10040
10.1±0.3
11.6
4.0
3.0
2.5±0.5
12050
12.6±0.2
13.8
5.0
3.7
2.7±0.7
12060
12.6±0.2
13.8
6.0
3.7
2.7±0.7
Dimensions in mm
TYPE
A
B
C
04012
2.5
3.7
1.5
04015
2.5
3.7
1.5
04020
2.5
3.7
1.5
05012
2.5
4.1
1.9
05015
2.5
4.1
1.9
05018
2.5
4.1
1.9
05020
2.5
4.1
1.9
05030
2.5
4.1
1.9
06012
3.5
6.05
2.35
06015
3.5
6.05
2.35
06018
3.5
6.05
2.35
06024
3.5
6.05
2.35
06030
3.5
6.05
2.35
06050
3.5
6.05
2.35
10030
4.0
9.5
3.5
10040
4.0
9.5
3.5
12050
5.0
10.5
4.0
12060
5.5
10.5
4.0
Moiding power lnducto rs
LHCC Series
L
Rev :
www.leiditech.com
01.06.2018
1/6


Similar Part No. - LHCC10030-3R3M-R7A

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
LHC EDI-LHC Datasheet
48Kb / 2P
HIGH VOLTAGE DIFFUSED SILICON RECTIFIERS
logo
Inventronics Inc.
LHC-024S035RSP INVENTRONICS-LHC-024S035RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S050RSP INVENTRONICS-LHC-024S050RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S070RSP INVENTRONICS-LHC-024S070RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
LHC-024S105RSP INVENTRONICS-LHC-024S105RSP Datasheet
221Kb / 7P
24W Constant Current Indoor Driver
Rev. E
More results

Similar Description - LHCC10030-3R3M-R7A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
logo
Intersil Corporation
ISL43485 INTERSIL-ISL43485 Datasheet
477Kb / 11P
3.3V, Low Power, 30Mbps, RS-485/RS-422
January 2004
logo
STMicroelectronics
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Texas Instruments
DS485 TI1-DS485_15 Datasheet
886Kb / 16P
Low Power RS-485/RS-422 Multipoint Transceiver
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
logo
Shanghai Leiditech Elec...
LMI LEIDITECH-LMI Datasheet
1Mb / 7P
Moiding power lnducto rs
LHCD LEIDITECH-LHCD Datasheet
1Mb / 9P
Moiding power lnducto rs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com