Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2D8P02 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2D8P02
Description  P-Channel Enhancement Mode Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2D8P02 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2D8P02 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D8P02 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
6.ELECTRICAL CHARACTERISTICS CURVES
On-Region Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current and
Gate Voltage
On-Resistance vs. Gate-to-Source
Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15
ID,Drain Current (A)
Ta=25℃
1.8V
2.5V
4.5V
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
VGS,Gate-to-Source Voltage (V)
Tj=25℃
ID=4.0A
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
0.5
1.0
1.5
2.0
2.5
VGS,Gate-to-Source Voltage (V)
VDS=10V
125ºC
25ºC
-55ºC
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
0.0
1.0
2.0
3.0
4.0
5.0
VDS,Drain-to_Source Voltage(V)
Ta=25℃
1.5V
1.8V
2.0V
2.5V,3.0v,3.5v,4.0v,4.5v
Rev :
www.leiditech.com
01.06.2019
3/6
LM2D8P02



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com