Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2D16P01 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM2D16P01
Description  LCE P-Channel Enhancement Mode Power MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM2D16P01 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM2D16P01 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D16P01 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D16P01 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D16P01 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM2D16P01 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Description
The LM2D16P01 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with gate
voltages .This device is suitable for use as a load switching
application and a wide variety of other applications.
General Features
●
VDS = -12V,ID = -16A
RDS(ON) < 22mΩ @ VGS=-2.5V
RDS(ON) < 18mΩ @ VGS=-4.5V
●
Advanced trench MOSFET process technology
●
Ultra low on-resistance with low gate charge
Application
●
PWM applications
●
Load switch
●
Battery charge in cellular handset
D
G
S
Schematic diagram
Pin assignment
DFN2X2-6L bottom view
Package marking and ordering information
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
NCE1216
LM2D16P01
DFN2X2-6L
-
-
-
Absolute maximum ratings (TC=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
-12
V
Gate-Source Voltage
VGS
±12
V
Drain Current-Continuous
ID
-16
A
Drain Current -Pulsed (Note 1)
IDM
-65
A
Maximum Power Dissipation
PD
18
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
Thermal Characteristic
Thermal Resistance,Junction-to-Case (Note 2)
RθJC
6.9
/W
℃
LM2D16P01
LCE P-Channel Enhancement Mode Power MOSFET
Rev :
www.leiditech.com
01.06.2017
1/5


Similar Part No. - LM2D16P01

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LM2D16P02 LEIDITECH-LM2D16P02 Datasheet
1Mb / 5P
P-ChannelEnhancement Mode Power MOSFET
More results

Similar Description - LM2D16P01

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LCE15P25JK LEIDITECH-LCE15P25JK Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE55P15K LEIDITECH-LCE55P15K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P65K LEIDITECH-LCE60P65K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE60P04SN LEIDITECH-LCE60P04SN Datasheet
946Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LCE2301B LEIDITECH-LCE2301B Datasheet
1Mb / 3P
LCE P-Channel Enhancement Mode Power MOSFET
LCE20P45Q LEIDITECH-LCE20P45Q Datasheet
718Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM3D45P02 LEIDITECH-LM3D45P02 Datasheet
790Kb / 5P
LCE P-Channel Enhancement Mode Power MOSFET
LM8S12P03 LEIDITECH-LM8S12P03 Datasheet
958Kb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LM4801 LEIDITECH-LM4801 Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
LMFB30P10K LEIDITECH-LMFB30P10K Datasheet
1Mb / 6P
LCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com