Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL3P5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BUL3P5
Description  MEDIUM VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL3P5 Datasheet(HTML) 3 Page - STMicroelectronics

  BUL3P5 Datasheet HTML 1Page - STMicroelectronics BUL3P5 Datasheet HTML 2Page - STMicroelectronics BUL3P5 Datasheet HTML 3Page - STMicroelectronics BUL3P5 Datasheet HTML 4Page - STMicroelectronics BUL3P5 Datasheet HTML 5Page - STMicroelectronics BUL3P5 Datasheet HTML 6Page - STMicroelectronics BUL3P5 Datasheet HTML 7Page - STMicroelectronics BUL3P5 Datasheet HTML 8Page - STMicroelectronics BUL3P5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BUL3P5
2 Electrical Characteristics
3/10
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
µs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = -500 V
VCE = -500 V__ __TC = 125°C
-0.1
-0.5
mA
mA
V(BR)EBO Emitter-Base Breakdown Voltage
(IC = 0)
IE = -10 mA
-5
-10
V
VCEO(sus)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 100 mA
-400
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = -0.7 A __ _ IB = -0.1A
IC = -1 A
__ _ IB = -0.2 A
-0.5
-0.5
V
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage
IC = -0.5A ____ IB = -0.1 A
IC = -1A _____ IB = -0.2 A
IC = -2A _____ IB = -0.4 A
-1.1
-1.2
-1.3
V
V
V
hFE
DC Current Gain
IC = -10 mA __ VCE = -5 V
IC = -0.7A _ __ VCE = -5 V
IC = -2A_
VCE = -5 V
10
18
4
34
tr
ts
tf
RESISTIVE LOAD
Rise Time
Storage Time
Fall Time
IC = -0.7 A ___ VCC = -250 V
IB1 = -0.14 A __ IB2 = 0.14 A
Tp = 30 µs
100
2.4
80
ns
µs
ns
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = -1 A ____
IB1 = -0.2 A
VBE(off) = 5 V
Rbb = 0 Ω
L = 1 mH
Vclamp = 200 V
450
70
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com