Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3D0210 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM3D0210
Description  N and P-Channel MOSFETS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM3D0210 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM3D0210 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd LM3D0210 Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NOTES:
1
Repetitive Rating: Pulse width limited by maximum junction temperature.
2
Surface Mounted on FR4 Board, t ≤ 10 sec.
3
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4
Guaranteed by design, not subject to production testing
(4) TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
Rev 2.0 :
www.leiditech.com
12.01.2019
3/8
LM3D0210



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com