Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7945 Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM7945
Description  Subscriber Line Interface Circuit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM7945 Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM7945 Datasheet HTML 6Page - Advanced Micro Devices AM7945 Datasheet HTML 7Page - Advanced Micro Devices AM7945 Datasheet HTML 8Page - Advanced Micro Devices AM7945 Datasheet HTML 9Page - Advanced Micro Devices AM7945 Datasheet HTML 10Page - Advanced Micro Devices AM7945 Datasheet HTML 11Page - Advanced Micro Devices AM7945 Datasheet HTML 12Page - Advanced Micro Devices AM7945 Datasheet HTML 13Page - Advanced Micro Devices AM7945 Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
Am7945 Data Sheet
SWITCHING WAVEFORMS
Notes:
1. Unless otherwise noted, test conditions are VCC = +5 V, VEE = –5 V, CHP = 0.33 µF, RDC1 = RDC2 = 9.26 kΩ, CDC = 0.33 µF,
RD = 35.4 kΩ, CCAS = 0.33 µF, no fuse resistors, BAT = –48 V, RL = 900 Ω, and RTMG = 1700 Ω.
2. a. Overload level is defined when THD = 1%.
b. Overload level is defined when THD = 1.5%
3. Balance return signal is the signal generated at VTX by VRX. This specification assumes the two-wire AC load impedance
matches the programmed impedance.
4. Not tested in production. This parameter is guaranteed by characterization or correlation to other tests.
5. This parameter is tested at 1 kHz with a termination impedance of 900
Ω and an R
L of 600 Ω in production. Performance at
other frequencies is guaranteed by characterization.
6. Tested with 0
Ω source impedance. 2 MΩ is specified for system design only.
7. Assumes the following ZT networks:
8. Group delay can be considerably reduced by using a ZT network such as that shown in Note 7 above. The network reduces
the group delay to less than 2
µs. The effect of group delay on the linecard performance may be compensated for by using
the QSLAC™ or DSLAC™ device.
DET
tgkde
DET
tshdd
Note:
All delays measured at 1.4 V level.
E1
E1
E0
E1 to DET
E0 to DET
tshde
tgkde
tshde
tshd0
tgkdd
tgkd0
VTX
RSN
90 k
Ω
150 pF
90 k
Ω
(900
Ω):
VTX
RSN
60 k
Ω
150 pF
60 k
Ω
(600
Ω):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com