Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDI9409-F085 Datasheet(PDF) 2 Page - ON Semiconductor

Part # FDI9409-F085
Description  N-Channel PowerTrench짰 MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDI9409-F085 Datasheet(HTML) 2 Page - ON Semiconductor

  FDI9409-F085 Datasheet HTML 1Page - ON Semiconductor FDI9409-F085 Datasheet HTML 2Page - ON Semiconductor FDI9409-F085 Datasheet HTML 3Page - ON Semiconductor FDI9409-F085 Datasheet HTML 4Page - ON Semiconductor FDI9409-F085 Datasheet HTML 5Page - ON Semiconductor FDI9409-F085 Datasheet HTML 6Page - ON Semiconductor FDI9409-F085 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
©2014
Semiconductor Components Industries,LLC.
August-2017, Rev 2
Publication Order number:
FDI9409-F085/D
FDI9409
-F085
N-Channel PowerTrench® MOSFET
40 V, 80 A, 3.8 m
Ω
Features
Typical RDS(on) = 2.9 mΩ at VGS = 10V, ID = 80 A
Typical Qg(tot) = 43 nC at VGS = 10V, ID = 80 A
UIS Capability
RoHS Compliant
Qualified to AEC Q101
Applications
Automotive Engine Control
PowerTrain Management
Solenoid and Motor Drivers
Integrated Starter/Alternator
Primary Switch for 12V Systems
MOSFET Maximum Ratings TJ = 25°C unless otherwise noted.
Symbol
Parameter
Ratings
Units
VDSS
Drain-to-Source Voltage
40
V
VGS
Gate-to-Source Voltage
±20
V
ID
Drain Current - Continuous (VGS=10) (Note 1)
TC = 25°C
80
A
Pulsed Drain Current
TC = 25°C
See Figure 4
EAS
Single Pulse Avalanche Energy
(Note 2)
70
mJ
PD
Power Dissipation
94
W
Derate Above 25oC0.63
W/oC
TJ, TSTG Operating and Storage Temperature
-55 to + 175
oC
RθJC
Thermal Resistance, Junction to Case
1.6
oC/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 3)
43
oC/W
Package Marking and Ordering Information
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDI9409
FDI9409
-F085
TO-262
Tube
N/A
50 units
Notes:
1: Current is limited by bondwire configuration.
2: Starting TJ = 25°C, L = 34uH, IAS = 64A, VDD = 40V during inductor charging and VDD = 0V during time in avalanche.
3: RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance, where the case thermal reference is defined as the solder
mounting surface of the drain pins. RθJC is guaranteed by design, while RθJAis determined by the board design. The maximum rating
presented here is based on mounting on a 1 in2 pad of 2oz copper.
D
G
S
I2-PAK
(TO-262)
GS
D



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com