Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD1865 Datasheet(PDF) 29 Page - Intel Corporation

Part # CD1865
Description  Intelligent Eight-Channel Communications Controller
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CD1865 Datasheet(HTML) 29 Page - Intel Corporation

Back Button CD1865 Datasheet HTML 25Page - Intel Corporation CD1865 Datasheet HTML 26Page - Intel Corporation CD1865 Datasheet HTML 27Page - Intel Corporation CD1865 Datasheet HTML 28Page - Intel Corporation CD1865 Datasheet HTML 29Page - Intel Corporation CD1865 Datasheet HTML 30Page - Intel Corporation CD1865 Datasheet HTML 31Page - Intel Corporation CD1865 Datasheet HTML 32Page - Intel Corporation CD1865 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 150 page
background image
Intelligent Eight-Channel Communications Controller — CD1865
Datasheet
29
NOTE: The (†) denotes the point at which, if there is no match, the CD1865 determines not to pass the ACK
down the daisy chain. It does this for two reasons: first, it is unacceptable to have the ACKOUT* ‘glitch’
low; and second, the state machine should be as fast as possible. When the state machine senses an
ACKIN* and match is not valid, it cannot conclude that it should assert ACKOUT*; the ACKIN* may be
for one of the other two service requests levels. It could wait for the results of the other two MATCH
comparators; however, this complicates, and therefore slows down, the response of the state machine.
The reason this complication causes delay is (to implement the logical function ‘assert ACKOUT* if no
match’) it must determine how long to wait before declaring a no-match condition. To implement this
delay function, a synchronous state machine is required, which at a 15-MHz clock, means a delay of
several hundred nanoseconds from ACKIN* to ACKOUT*, instead of the 65 ns currently specified.
Table 3.
State Machine Logic
State Name
Output Condition
Comments
IDLE
IF (INTERNAL_REQUEST = 1)
ELSE IF (ACKIN* = 1 & MATCH =1)
ELSE
all outputs inactive
GoTo REQ_ACTIVE
GoTo PASS_
ACK
Stay at IDLE
; normal ‘resting’ state
; pass this acknowledge
; wait here
REQ_ACTIVE
IF (ACKIN* = 1 & MATCH =1)
IF (ACKIN* = 1 & MATCH =0)
ELSE
GoTo KEEP_ACK
Stay at REQ_ACTIVE
Stay at REQ_ACTIVE
request asserted
; keep this acknowledge
; wait here, ACK is for some other level (†)
; wait here
PASS_ACK
IF (ACKIN* = 0)
ELSE
GoTo IDLE
Stay at PASS_ACK
ACKOUT* asserted
; return when ACKIN* is gone
; wait here while ACKIN* active
KEEP_ACK
IF (ACKIN* = 0)
ELSE
GoTo IDLE
Stay at KEEP_ACK
INTERNAL_GRANT asserted
; return when ACKIN* is gone
; wait here while ACKIN* active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com