Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZ80F92 Datasheet(PDF) 39 Page - Zilog, Inc.

Part # EZ80F92
Description  eZ80Acclaim??Flash Microcontrollers
PDF  266 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

EZ80F92 Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button EZ80F92 Datasheet HTML 35Page - Zilog, Inc. EZ80F92 Datasheet HTML 36Page - Zilog, Inc. EZ80F92 Datasheet HTML 37Page - Zilog, Inc. EZ80F92 Datasheet HTML 38Page - Zilog, Inc. EZ80F92 Datasheet HTML 39Page - Zilog, Inc. EZ80F92 Datasheet HTML 40Page - Zilog, Inc. EZ80F92 Datasheet HTML 41Page - Zilog, Inc. EZ80F92 Datasheet HTML 42Page - Zilog, Inc. EZ80F92 Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 266 page
background image
PS015309-1004
PRELIMINARY
Register Map
eZ80F92/eZ80F93
Product Specification
25
Programmable Reload Counter/Timers (continued)
0087
TMR2_DR_L
Timer 2 Data Register—Low Byte
00
R
84
TMR2_RR_L
Timer 2 Reload Register—Low Byte
00
W
85
0088
TMR2_DR_H
Timer 2 Data Register—High Byte
00
R
85
TMR2_RR_H
Timer 2 Reload Register—High Byte
00
W
86
0089
TMR3_CTL
Timer 3 Control Register
00
R/W
83
008A
TMR3_DR_L
Timer 3 Data Register—Low Byte
00
R
84
TMR3_RR_L
Timer 3 Reload Register—Low Byte
00
W
85
008B
TMR3_DR_H
Timer 3 Data Register—High Byte
00
R
85
TMR3_RR_H
Timer 3 Reload Register—High Byte
00
W
86
008C
TMR4_CTL
Timer 4 Control Register
00
R/W
83
008D
TMR4_DR_L
Timer 4 Data Register—Low Byte
00
R
84
TMR4_RR_L
Timer 4 Reload Register—Low Byte
00
W
85
008E
TMR4_DR_H
Timer 4 Data Register—High Byte
00
R
85
TMR4_RR_H
Timer 4 Reload Register—High Byte
00
W
86
008F
TMR5_CTL
Timer 5 Control Register
00
R/W
83
0090
TMR5_DR_L
Timer 5 Data Register—Low Byte
00
R
84
TMR5_RR_L
Timer 5 Reload Register—Low Byte
00
W
85
0091
TMR5_DR_H
Timer 5 Data Register—High Byte
00
R
85
TMR5_RR_H
Timer 5 Reload Register—High Byte
00
W
86
0092
TMR_ISS
Timer Input Source Select Register
00
R/W
87
Table 4. Register Map (Continued)
Address
(hex)
Mnemonic
Name
Reset
(hex)
CPU
Access
Page
#
Notes:
1. After an external pin reset, the Watch-Dog Timer Control register is reset to 00h. After a Watch-Dog Timer time-
out reset, the Watch-Dog Timer Control register is reset to 20h.
2. When the CPU reads this register, the current sampled value of the port is read.
3. Read Only if RTC registers are locked; Read/Write if RTC registers are unlocked.
4. After an external pin reset or a Watch-Dog Timer reset, the RTC Control register is reset to x0xxxx00b. After an
RTC Alarm sleep-mode recovery reset, the RTC Control register is reset to x0xxxx10b.
5. Read Only if Flash Memory is locked. Read/Write if Flash Memory is unlocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com