Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # H1P
Description  NPN/NPN resistor-equipped transistors R1 = 47 kW-ohm, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

H1P Datasheet(HTML) 3 Page - NXP Semiconductors

  H1P Datasheet HTML 1Page - NXP Semiconductors H1P Datasheet HTML 2Page - NXP Semiconductors H1P Datasheet HTML 3Page - NXP Semiconductors H1P Datasheet HTML 4Page - NXP Semiconductors H1P Datasheet HTML 5Page - NXP Semiconductors H1P Datasheet HTML 6Page - NXP Semiconductors H1P Datasheet HTML 7Page - NXP Semiconductors H1P Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
9397 750 14463
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 29 April 2005
3 of 8
Philips Semiconductors
PEMH14; PUMH14
NPN/NPN resistor-equipped transistors; R1 = 47 k
Ω, R2 = open
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
IO
output current (DC)
-
100
mA
ICM
peak collector current
-
100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
200
mW
SOT666
[1] [2] -
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
[1] -
300
mW
SOT666
[1] [2] -
300
mW
Table 7:
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] -
-
625
K/W
SOT666
[1] [2] -
-
625
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
SOT363
[1] -
-
416
K/W
SOT666
[1] [2] -
-
416
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com