Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2007 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STE2007
Description  96 x 68 Single Chip LCD Controller/Driver
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2007 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STE2007 Datasheet HTML 24Page - STMicroelectronics STE2007 Datasheet HTML 25Page - STMicroelectronics STE2007 Datasheet HTML 26Page - STMicroelectronics STE2007 Datasheet HTML 27Page - STMicroelectronics STE2007 Datasheet HTML 28Page - STMicroelectronics STE2007 Datasheet HTML 29Page - STMicroelectronics STE2007 Datasheet HTML 30Page - STMicroelectronics STE2007 Datasheet HTML 31Page - STMicroelectronics STE2007 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
5 Display Data RAM (DDRAM)
STE2007
28/62
Figure 22. Column address in reversed mode
Data can be written to the DDRAM at the same time as data is being displayed, without causing
the LCD to flicker.
Segment driver direction command can be used to reverse the relationship between the
DDRAM column address and segment output. This function is achieved writing data into
DDRAM in reverse order (from Right to left).
Table 16.
Column address direction
5.2
Line address circuit
The line address circuit specifies the line address relating to the COM output when the contents
of the DDRAM are displayed. The display start line that is normally the top line of the display,
can be specified by Display start line address set command.
STE2007 features Four different Multiplexing Mode to fine tune the duty ratio on the display
size:
68 Lines Display
65 Lines Display
49 Lines Display
33 Lines Display
Column
address
00H
01H
02H
5DH
5EH
5FH
5DH
Normal
Direction
SEG0
SEG1
SEG2
_ _ _ _ _ _
SEG93
SEG94
SEG95
Reverse
Direction
SEG95
SEG94
SEG93
_ _ _ _ _ _
SEG2
SEG1
SEG0
0H
1H
2H
3H
4H
5H
96
97
98
192
193
194
288
289
290
384
385
386
480
481
482
190
191
286
287
382
383
478
479
574
575
00H
01H
02H
5EH
5FH
D0
D1
D2
D3
D4
D5
D6
D7
Data
Page address
Column address
6H
7H
8H
576
577
578
672
673
674
768
769
770
670
671
766
767
862
863
Data for page address 0H to 07H
D0
Data for page address 8H
95
94
LSBit
MSBit
D1
D2
D3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com