Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM00805 Datasheet(PDF) 22 Page - Microchip Technology

Part # ADM00805
Description  Single/Multi-Channel DC Power/Energy Monitor with Accumulator
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ADM00805 Datasheet(HTML) 22 Page - Microchip Technology

Back Button ADM00805 Datasheet HTML 18Page - Microchip Technology ADM00805 Datasheet HTML 19Page - Microchip Technology ADM00805 Datasheet HTML 20Page - Microchip Technology ADM00805 Datasheet HTML 21Page - Microchip Technology ADM00805 Datasheet HTML 22Page - Microchip Technology ADM00805 Datasheet HTML 23Page - Microchip Technology ADM00805 Datasheet HTML 24Page - Microchip Technology ADM00805 Datasheet HTML 25Page - Microchip Technology ADM00805 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
PAC1931/2/3/4
DS20005850E-page 22
 2017-2019 Microchip Technology Inc.
4.8
ADC Measurements, Offset, and
8x Averaging
The PAC1931/2/3/4 is primarily desired for energy
measurements where many power readings are
accumulated. This is inherently an averaging process.
Individual voltage and current measurements can also
benefit from averaging to reduce noise and offset.
Averaged values are internally calculated for VBUS and
VSENSE, with a rolling average of the most recent eight
values present in the VBUSn_AVG (Register 6-7) and
VSENSEn_AVG (Register 6-6) registers. The average
is updated internally after every conversion cycle. The
readable registers are updated with REFRESH,
REFRESH_V, or REFRESH_G commands like all the
other readable results registers. These averaged
results may be used for the most accurate, lowest
noise and lowest offset measurements.
The ADC channels use a special offset canceling
technique. If the user observes the unaveraged results
for near-zero values of VBUS and VSENSE, they may
observe a cyclical pattern of offset variation. The user
may think this is noise, but in fact it is due to internal
circuitry switching through different permutations of
offset cancellation circuitry. This small variation in
unaveraged offset is canceled in the 8x averaged
result. It is also canceled in the Power Accumulator
results. The overall effect is offset that is consistently
very close to zero LSB over supply and temperature
variations.
The offset canceling technique is illustrated in
Figure 4-4. It is very difficult to accurately observe, as
it is a challenge to read the data from every conversion
cycle. The effect of capturing data points at a rate that
does not correspond exactly to the internal sampling
rate
of
the
PAC1931/2/3/4
can
make
these
permutations appear less periodic and deterministic
than they are inside the chip. The data conversion uses
one of the permute positions 1-4 for each input on each
conversion, cycling through all four permutations in four
conversions. When averaged the Permute Enabled
result shown below is realized, evenly distributed
around zero.
FIGURE 4-4:
Illustration of the Four
Permute Combinations that the ADC Cycles
through and the Resulting Low Average Offset.
Each Bin Represents One Code.
Results from both the VBUS and VSENSE ADCs are 17b
two's complement (signed) internally. There is an
additional bit of resolution that is not accessible from the
results register. The NEG_PWR (Address 1Dh) register
determines whether the conversion results are reported
in the readable registers as unipolar or bipolar numbers.
Using bipolar numbers can give more accurate results
for very small numbers that may actually be negative for
some readings, in addition to measuring bidirectional
currents(charging/discharging)andvoltagesthatcandip
below ground.
Averaged values are also calculated for VBUS and
VSENSE. A rolling average of the most recent eight
values is present in the VBUSn_AVG (Register 6-7)
and VSENSEn_AVG (Register 6-6) registers. These
registers require eight conversion cycles after POR
before they represent an accurate value, they are
updated after every conversion cycle. The readable
registers are updated with REFRESH, REFRESH_V
or REFRESH_G commands like all the other readable
results registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com