Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2187 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # DS2187
Description  Receive Line Interface
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2187 Datasheet(HTML) 3 Page - Maxim Integrated Products

  DS2187 Datasheet HTML 1Page - Maxim Integrated Products DS2187 Datasheet HTML 2Page - Maxim Integrated Products DS2187 Datasheet HTML 3Page - Maxim Integrated Products DS2187 Datasheet HTML 4Page - Maxim Integrated Products DS2187 Datasheet HTML 5Page - Maxim Integrated Products DS2187 Datasheet HTML 6Page - Maxim Integrated Products DS2187 Datasheet HTML 7Page - Maxim Integrated Products DS2187 Datasheet HTML 8Page - Maxim Integrated Products DS2187 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DS2187
3 of 10
PIN DESCRIPTION Table 1
PIN
SYMBOL
TYPE
DESCRIPTION
1AVDD
-
Analog Positive Supply. 5.0 volts.
2
RAIS
I
Reset Alarm Indication Signal.
Every other low pulse at this input
establishes the AIS alarm detection period.
3
ZCSEN
I
0 Code Suppression Enable.
When high, incoming B8ZS (RCLKSEL=0)
or HDB3 (RCLKSEL=1) code words are replaced with all 0s at RPOS and
RNEG; when low, no code replacement occurs.
4LCAP
-
Loop Cap.
Part of internal loop filter; attach a 10 microfarad capacitor from
this pin to VSS.
5
RCLKSEL
I
Receive Clock Select.
Tie to VSS for 1.544 MHz (T1) applications, to VDD for
2.048 MHz (CEPT) applications.
6
7
RTIP
RRING
I
Receive Tip and Ring.
Connect to line transformer as shown in Figure 2.
8
LOCK
O
Frequency Lock.
High state indicates that internal circuitry is phase- and
frequency-locked to the incoming signal at RRING and RTIP.
9
AVSS
-
Analog Signal Ground.
0.0 volts.
10
DVSS
-
Digital Signal Ground.
0.0 volts.
11
RCLK
O
Receive Clock.
Extracted line rate clock.
12
13
RNEG
RPOS
O
Receive Data.
Extracted receive data; updated on rising edge of RCLK.
14
NC
-
No Connect.
Do not connect to this pin.
15
BPV
O
Bipolar Violation.
Transitions high for the full bit period when a bit in
violation appears at RPOS or RNEG; B8ZS code words are not accused when
ZCSEN=1. BPV not valid for RCLKSEL=1 and ZCSEN=1.
16
AIS
O
Alarm Indication Signal.
High when the received data stream has contained
less than three 0s during the last two periods of the RAIS signal.
17
RCL
O
Receive Carrier Loss.
High if 192 0s appear at RPOS and RNEG; reset on
next occurrence of a one.
18
DVDD
-
Digital Positive Supply.
5.0 volts



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com