Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL5067MPEF Datasheet(PDF) 3 Page - General Electric Company

Part # SL5067MPEF
Description  MULTI - STANDARD VIDEO MODULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GEC [General Electric Company]
Direct Link  http://www.ge.com
Logo GEC - General Electric Company

SL5067MPEF Datasheet(HTML) 3 Page - General Electric Company

  SL5067MPEF Datasheet HTML 1Page - General Electric Company SL5067MPEF Datasheet HTML 2Page - General Electric Company SL5067MPEF Datasheet HTML 3Page - General Electric Company SL5067MPEF Datasheet HTML 4Page - General Electric Company SL5067MPEF Datasheet HTML 5Page - General Electric Company SL5067MPEF Datasheet HTML 6Page - General Electric Company SL5067MPEF Datasheet HTML 7Page - General Electric Company SL5067MPEF Datasheet HTML 8Page - General Electric Company SL5067MPEF Datasheet HTML 9Page - General Electric Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SL5067
3
ELECTRICAL CHARACTERISTICS (cont.)
Tamb= –10°C to )80°C, VCC=)4.5V to )5.5V. These characteristics are guaranteed over the following conditions
(unless otherwise stated). They apply within the specified ambient temperature and supply voltage ranges.
Characteristics
Conditions
Units
Value
Pin
Characteristics
Conditions
Units
Max
Typ
Min
Pin
Sound Oscillator FM
Deviation
1, 2
250
kHz/V
C = 120pF, L = 5.6
mH (QL = 9)
NOTES
1.
Including external components effects
2.
May be increased by use of external resistor, see Fig. 3
3.
May be adjusted by use of external resistor dependent on video content, see Fig. 4
4.
The above measurements assume nominal 80% modulation depth on vision and sound carriers
ABSOLUTE MAXIMUM RATINGS
All voltages are referred to VEE=0V
Parameter
Pin
Value
Units
Conditions
Parameter
Pin
Min
Max
Units
Conditions
Supply Voltage
11, 19
–0.3
7
V
Modulation index
3
–0.3
VCC+0.3
V
Video input
4
–0.3
VCC+0.3
V
Audio input
17
–0.3
VCC+0.3
V
FM/AM select
18
–0.3
VCC+0.3
V
Storage temperature
–55
+125
°C
DP20 thermal resistance,
chip–to–ambient
78
°C/W
DP20 thermal resistance,
chip–to–case
30
°C/W
MP20 thermal resistance, chip
to ambient
93
°C/W
MP20 thermal resistance,
chip–to–case
34
°C/W
Power consumption at 5.5V
300
mW
Fig. 3 Frequency spectrum above the Video picture carrier (QTANK = 9)
–16dB
–13dB
–65dB
–70dB
–70dB
–47dB
84dB
mV
Power levels shown are relative to picture carrier fp typically
fp
fp+(fs–fc)
1.57MHz
fc
4.43MHz
fs
6MHz
2xfc
8.86MHz
2xfs
12MHz
3xfs
18MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com