Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM405E Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # LM405E
Description  -3 0VDS竊뤒?0VGS竊? A(ID) Dual P-Channel Enhancement Mode MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

LM405E Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  LM405E Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd LM405E Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd LM405E Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Applications
Dimensions SOP-8
-
Pin Configuration
Mechanical Characteristics
●
Package: SOlC-8
●
Lead Finish: Lead Free
●
UL Flammability Classification Rating 94V-0
●
Quantity Per Reel:2,500pcs
●
Reel Size:13inch
Rev : 01.06.2014
1/3
www.leiditech.com
-3 0VDS/±20VGS/5 A(ID) Dual P -Channel Enhancement Mode MOSFET
Features
LM405E
VDSS=-30V/VGSS=±20V/ID=5A
RDS(ON)=60mΩ(max.)@VGS=-10V
RDS(ON)=95mΩ(max.)@VGS=-4.5V
Reliable and Rugged
Avalanche Rated
Advanced Trench Process Technology
High Density Cell Design for Ultra Low
On-Resistance
Power Management
Synchronous Rectification
DC-DC Converters
Parameter
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain
Current
A
TA=25°C
ID
-5
A
TA=70°C
-3
Pulsed Drain Current
B
IDM
-20
Power Dissipation
A
TA=25°C
PD
2
W
TA=70°C
1.2
Junction-to-Ambient
A
Steady-State
RθJA
100
°C/W
Junction and Storage
Temperature
TJ, TSTG
-55 to 150
°C
Absolute Maximum Ratings ( TA=25°C unless otherwise noted)


Similar Part No. - LM405E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Maxim Integrated Produc...
LM4050 MAXIM-LM4050 Datasheet
287Kb / 14P
50ppm/°C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 3; 3/06
LM4050 MAXIM-LM4050 Datasheet
251Kb / 13P
50ppm/째C Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown Voltages
Rev 4; 5/09
LM4050 MAXIM-LM4050 Datasheet
495Kb / 14P
50ppmC Precision Micropower Shunt Voltage References with Multiple Reverse Breakdown
Rev 5; 5/11
logo
Texas Instruments
LM4050 TI-LM4050 Datasheet
2Mb / 31P
REF34xx Low-Drift, Low-Power, Small-Footprint Series Voltage Reference
More results

Similar Description - LM405E

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM30P03Q HMSEMI-HM30P03Q Datasheet
1Mb / 4P
-30VDS竊뤒?0VGS竊?30A(ID) P-Channel Enhancement Mode MOSFET
logo
KIA Semiconductor Techn...
2301 KIA-2301 Datasheet
111Kb / 4P
-2.8A竊?20V P-CHANNEL MOSFET
2341 KIA-2341 Datasheet
129Kb / 5P
-3.3A竊?20V P-CHANNEL MOSFET
3401 KIA-3401 Datasheet
118Kb / 5P
-4.0A竊?30V P-CHANNEL MOSFET
3407 KIA-3407 Datasheet
114Kb / 5P
-4.1A竊?30V P-CHANNEL MOSFET
3409 KIA-3409 Datasheet
118Kb / 5P
-2.6A竊?30V P-CHANNEL MOSFET
3415 KIA-3415 Datasheet
122Kb / 5P
-4.0A竊?20V P-CHANNEL MOSFET
KPE4703A KIA-KPE4703A Datasheet
180Kb / 5P
-8A竊?30V P-CHANNEL MOSFET
logo
Shenzhen Huazhimei Semi...
HM4110 HMSEMI-HM4110 Datasheet
738Kb / 4P
100VDS竊뤒?5VGS竊?70A(ID) N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LM9926B LEIDITECH-LM9926B Datasheet
569Kb / 3P
20VDS竊뤒?2VGS竊?A(ID) Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com