Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Z8F082APH020SC Datasheet(PDF) 49 Page - Zilog, Inc.

Part # Z8F082APH020SC
Description  Z8 Encore XP-R F08xA Series with eXtended Peripherals
PDF  244 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z8F082APH020SC Datasheet(HTML) 49 Page - Zilog, Inc.

Back Button Z8F082APH020SC Datasheet HTML 45Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 46Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 47Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 48Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 49Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 50Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 51Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 52Page - Zilog, Inc. Z8F082APH020SC Datasheet HTML 53Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 244 page
background image
PS024705-0405
P R E L I M I N A R Y
General-Purpose I/O
Z8 Encore! XP® F08xA Series
Product Specification
31
General-Purpose I/O
Overview
The Z8 Encore! XP® F08xA Series products support a maximum of 25 port pins (Ports A–
D) for general-purpose input/output (GPIO) operations. Each port contains control and
data registers. The GPIO control registers determine data direction, open-drain, output
drive current, programmable pull-ups, STOP Mode Recovery functionality, and alternate
pin functions. Each port pin is individually programmable. In addition, the Port C pins are
capable of direct LED drive at programmable drive strengths.
GPIO Port Availability By Device
Table 13 lists the port pins available with each device and package type.
Architecture
Figure 6 illustrates a simplified block diagram of a GPIO port pin. In this figure, the abil-
ity to accommodate alternate functions and variable port current drive strength is not illus-
trated.
Table 13. Port Availability by Device and Package Type
Devices
Package
10-Bit ADC
Port A
Port B
Port C
Port D
Total I/O
Z8F082APH, Z8F082AHH
20-pin
Yes
[7:0]
[3:0]
[3:0]
[0]
17
Z8F081APH, Z8F081AHH
20-pin
No
[7:0]
[3:0]
[3:0]
[0]
17
Z8F082APJ, Z8F082ASJ
28-pin
Yes
[7:0]
[5:0]
[7:0]
[0]
23
Z8F081APJ, Z8F081ASJ
28-pin
No
[7:0]
[7:0]
[7:0]
[0]
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com