Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS00LM Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00LM
Description  HF (13.56 MHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00LM Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00LM Datasheet HTML 1Page - Balluff Korea Ltd. BIS00LM Datasheet HTML 2Page - Balluff Korea Ltd. BIS00LM Datasheet HTML 3Page - Balluff Korea Ltd. BIS00LM Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HF (13.56 MHz)
BIS M-451-045-001-07-S4
Order Code: BIS00LM
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 188858
ETIM 6.0: EC002998
BIS00LM_2.2_2021-07-14
2 / 4
Environmental conditions
Ambient temperature
0...70 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP67
Storage temperature
-20...85 °C
Functional Characteristics
Supported data carrier types
DIN 
ISO 
14443
DIN ISO 15693
Interface
IO-Link version
1.1
Interface
IO-Link 1.1
Process data IN
10 bytes
Material
Housing material
PBT
Mechanical data
Application weight
380.00 g
Dimension
80 x 40 x 84.5 mm
Installation
metal-free (clear zone)
Remarks
For basic equipment see IO-Link catalog.
When installing, the technical standards and regulations of the corresponding countries must be observed.
Values are under rated conditions unless otherwise specified.
Order accessories separately.
For installation in metal: Observe clear zone.
Connector Drawings
1) View towards connector
2) BSI service interface
3) Do not connect power
4) (Only for Balluff Service)
Help Views



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com