Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL5115SHN Datasheet(PDF) 49 Page - NXP Semiconductors

Part # ASL5115SHN
Description  Matrix LED Controller (MLC)
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL5115SHN Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button ASL5115SHN Datasheet HTML 45Page - NXP Semiconductors ASL5115SHN Datasheet HTML 46Page - NXP Semiconductors ASL5115SHN Datasheet HTML 47Page - NXP Semiconductors ASL5115SHN Datasheet HTML 48Page - NXP Semiconductors ASL5115SHN Datasheet HTML 49Page - NXP Semiconductors ASL5115SHN Datasheet HTML 50Page - NXP Semiconductors ASL5115SHN Datasheet HTML 51Page - NXP Semiconductors ASL5115SHN Datasheet HTML 52Page - NXP Semiconductors ASL5115SHN Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
NXP Semiconductors
ASL5xxxyHz
Matrix LED Controller (MLC)
ASL5xxxyHz
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product data sheet
Rev. 2.1 — 5 February 2019
49 / 69
Bit D4
Bit D3
Bit D2
Bit D1
Bit D0
Value
Reduction
Percentage (%)
1
0
0
1
1
19
14.84
1
0
1
0
0
20
15.63
1
0
1
0
1
21
16.41
1
0
1
1
0
22
17.19
1
0
1
1
1
23
17.97
1
1
0
0
0
24
18.75
1
1
0
0
1
25
19.53
1
1
0
1
0
26
20.31
1
1
0
1
1
27
21.09
1
1
1
0
0
28
21.88
1
1
1
0
1
29
22.66
1
1
1
1
0
30
23.44
1
1
1
1
1
31
24.22
Table 45. Overtemperature warning (OTW_x) threshold selection
Register
Bits
Temperature Threshold (Defaults)
10 to 12
[100] - 140°C (OTW_0)
58h
13 to 15
[110] - 160°C (OTW_1)
Overtemperature Warning threshold selection (OTW_0 and OTW_1)
3 bit register
000
001
010
011
100
101
110
111
Unit
Tj
100
110
120
130
140
150
160
170
[°C]
Note: The overtemperature warning (OTW) measurement has an accuracy of ±10 °C.
Table 46. Partial networking selection
Register
Bit D5
ON / OFF
0
OFF (default)
60h
1
ON
15 Limiting values
Table 47. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134)
Symbol
Parameter/Pin
Conditions
Min
Max
Unit
Vmax
Maximum LED string voltage
With respect to ground – All blocks in
series
–0.2
60
V
Vblock
Maximum block voltage
Block of 3 switches
–0.2
57
V
VD-S
Maximum Switch drain-source voltage
At zero current and normal operation
–0.2
19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com