Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256+ Datasheet(PDF) 132 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 132 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 128Page - Maxim Integrated Products DS31256+ Datasheet HTML 129Page - Maxim Integrated Products DS31256+ Datasheet HTML 130Page - Maxim Integrated Products DS31256+ Datasheet HTML 131Page - Maxim Integrated Products DS31256+ Datasheet HTML 132Page - Maxim Integrated Products DS31256+ Datasheet HTML 133Page - Maxim Integrated Products DS31256+ Datasheet HTML 134Page - Maxim Integrated Products DS31256+ Datasheet HTML 135Page - Maxim Integrated Products DS31256+ Datasheet HTML 136Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
132 of 183
10.1.2 PCI Write Cycle
A write cycle on the PCI bus is shown in Figure 10-3. During clock cycle #1, the initiator asserts the
PFRAME signal and drives the address onto the PAD signal lines and the bus command (which would
be a write) onto the
PCBE signal lines. The target reads the address and bus command and, if the address
matches its own, it then asserts the
PDEVSEL signal and begins the bus transaction. During clock cycle
#2, the initiator stops driving the address onto the PAD signal lines and begins driving data #1. It also
switches the
PCBE signal lines to indicate the byte enable for data #1. The initiator asserts the PIRDY
signal and begins monitoring the
PDEVSEL and PTRDY signals. During clock cycle #3, the initiator
detects that
PDEVSEL and PTRDY are asserted, which indicates that the target has accepted data #1 and
the initiator begins driving the data and byte enable for data #2. During clock cycle #4, since
PDEVSEL
and
PTRDY are asserted, data #2 is written by the initiator to the target. During clock cycle #5, both
PIRDY and PTRDY are deasserted, indicating that neither the initiator nor the target are ready for data
#3 to be passed. During clock cycle #6, the initiator is ready so it asserts
PIRDY and deasserts PFRAME,
which indicates that data #3 is the last one passed. During clock cycle #8, the target asserts
PTRDY,
which indicates to the initiator that data #3 is ready to be accepted by the target. During clock cycle #9,
the initiator deasserts
PIRDY and stops driving the PAD and PCBE signal lines. The target deasserts
PDEVSEL and PTRDY.
The
PXAS, PXDS, and PXBLAST signals are not part of a standard PCI bus. These PCI extension
signals are unique to the device. They are useful in adapting the PCI bus to a proprietary bus scheme.
They are only asserted when the device is a bus master.
Figure 10-3. PCI Bus Write
123456
789
10
data #1
Address
CMD
BE #1
PCLK
PFRAME
PAD
PCBE
PIRDY
PTRDY
PDEVSEL
PXDS
PXAS
PXBLAST
data #2
data #3
BE #2
BE #3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com