Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS31256+ Datasheet(PDF) 135 Page - Maxim Integrated Products

Part # DS31256+
Description  256-Channel, High-Throughput HDLC Controller
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS31256+ Datasheet(HTML) 135 Page - Maxim Integrated Products

Back Button DS31256+ Datasheet HTML 131Page - Maxim Integrated Products DS31256+ Datasheet HTML 132Page - Maxim Integrated Products DS31256+ Datasheet HTML 133Page - Maxim Integrated Products DS31256+ Datasheet HTML 134Page - Maxim Integrated Products DS31256+ Datasheet HTML 135Page - Maxim Integrated Products DS31256+ Datasheet HTML 136Page - Maxim Integrated Products DS31256+ Datasheet HTML 137Page - Maxim Integrated Products DS31256+ Datasheet HTML 138Page - Maxim Integrated Products DS31256+ Datasheet HTML 139Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 183 page
background image
DS31256 256-Channel, High-Throughput HDLC Controller
135 of 183
10.1.7 PCI Target Abort
Targets can also abort the current transaction, which means they do not wish for the initiator to attempt
the request again. No data is transferred in a target abort scenario. A target abort is signaled to the
initiator by the simultaneous assertion of
PSTOP and deassertion of PDEVSEL (Figure 10-8). When the
DS31256 is a target, it only issues a target abort when the host is accessing the local bus. This occurs
when the host attempts a bus transaction with a combination of byte enables (
PCBE) that are not
supported by the local bus. If such a scenario occurs, it reports through the target-abort-initiated status bit
in the PCI command/status configuration register (Section 10.2). See Section 11.1 for details about local
bus operation. When the DS31256 is a bus master, if it detects a target abort, it reports through the target
abort detected by master status bit in the PCI command/status configuration register (Section 10.2).
Figure 10-8. PCI Target Abort
12
345
678
9
10
PCLK
PFRAME
PSTOP
PDEVSEL
PTRDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com