Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4366 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4366
Description  330mW, Ultra-Small, Audio Power Amplifiers with Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4366 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4366 Datasheet HTML 2Page - Maxim Integrated Products MAX4366 Datasheet HTML 3Page - Maxim Integrated Products MAX4366 Datasheet HTML 4Page - Maxim Integrated Products MAX4366 Datasheet HTML 5Page - Maxim Integrated Products MAX4366 Datasheet HTML 6Page - Maxim Integrated Products MAX4366 Datasheet HTML 7Page - Maxim Integrated Products MAX4366 Datasheet HTML 8Page - Maxim Integrated Products MAX4366 Datasheet HTML 9Page - Maxim Integrated Products MAX4366 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
330mW, Ultra-Small, Audio Power Amplifiers
with Shutdown
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Bridge-Tied Load, THD+N Bandwidth = 22Hz to 22kHz, CBIAS = 1µF.)
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
300
200
100
0.01
0.1
1
10
100
0.001
0
400
VCC = 5V
AV = 2V/V
RL = 32
Ω
f = 10kHz
f = 1kHz
OUTPUT POWER (mW)
300
200
100
0.01
0.1
1
10
100
0.001
0
400
VCC = 5V
AV = 4V/V
RL = 32
Ω
f = 10kHz
f = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
225
150
75
0.01
0.1
1
10
100
0.001
0
300
f = 10kHz
f = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
VCC = 3V
AV = 2V/V
RL = 16
Ω
OUTPUT POWER (mW)
225
150
75
0.01
0.1
1
10
100
0.001
0
300
VCC = 3V
AV = 4V/V
RL = 16
Ω
f = 10kHz
f = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER (mW)
225
150
75
0.01
0.1
1
10
100
0.001
0
300
f = 10kHz
f = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
VCC = 3V
AV = 2V/V
RL = 32
Ω
OUTPUT POWER (mW)
225
150
75
0.01
0.1
1
10
100
0.001
0
300
VCC = 3V
AV = 4V/V
RL = 32
Ω
f = 10kHz
f = 1kHz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs. OUTPUT POWER
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
100
200
300
400
500
0
2.5
5.5
THD+N = 10%
THD+N = 1%
RL = 32
Ω
OUTPUT POWER vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
3.0
100
200
400
300
500
600
0
2.5
5.5
THD+N = 10%
THD+N = 1%
RL = 16
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com