Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4397DA Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX4397DA
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DA Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX4397DA Datasheet HTML 17Page - Maxim Integrated Products MAX4397DA Datasheet HTML 18Page - Maxim Integrated Products MAX4397DA Datasheet HTML 19Page - Maxim Integrated Products MAX4397DA Datasheet HTML 20Page - Maxim Integrated Products MAX4397DA Datasheet HTML 21Page - Maxim Integrated Products MAX4397DA Datasheet HTML 22Page - Maxim Integrated Products MAX4397DA Datasheet HTML 23Page - Maxim Integrated Products MAX4397DA Datasheet HTML 24Page - Maxim Integrated Products MAX4397DA Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
21
BIT
DESCRIPTION
7654
3210
COMMENTS
00
Low (< 2V), internal source (power-on default)
01
Medium (4.5V to 7V), external SCART source
with 16:9 aspect ratio
1
0
High impedance
Set TV Function Switching
11
High (> 9.5V), external SCART source with 4:3
aspect ratio
0
Normal operation, pulldown on TV_R/C_OUT
is off (power-on default)
TV_R/C_OUT Ground
1
Ground, pulldown on TV_R/C_OUT is on, the
output amplifier driving TV_R/C_OUT is turned
off
0
0
0V (power-on default)
0
1
Same level as ENC_FB_IN
1
0
Same level as VCR_FB_IN
Fast Blank (Fast Switching)
11
VVID
0
Composite video from the Y/C mixer is output
TV_Y/CVBS_OUT Switch
1
The TV_Y/CVBS_OUT signal selected in
register 06h is output (power-on default)
0
Composite video from the Y/C mixer is output
(power-on default)
RF_CVBS_OUT Switch
1
The TV_Y/CVBS_OUT signal selected in
register 06h is output
Table 8. Register 07h: TV Video Output Control
BIT
DESCRIPTION
765
43210
COMMENTS
VCR_Y/CVBS_OUT
VCR_R/C_OUT
000
ENC_Y/CVBS_IN
ENC_R/C_IN
001
ENC_Y_IN
ENC_C_IN
010
VCR_Y/CVBS_IN
VCR_R/C_IN
011
TV_Y/CVBS_IN
TV_R/C_IN
100
Not used
Not used
101
Mute
Mute
110
Mute
Mute
Input Sources for VCR
Video
111
Mute (power-on default)
Mute (power-on default)
0
DC restore clamp active at input (power-on default)
VCR_R/C_IN Clamp/Bias
1
Chrominance bias applied at input
0
DC restore clamp active at input (power-on default)
ENC_R/C_IN Clamp/Bias
1
Chrominance bias applied at input
Table 9. Register 08h: VCR Video Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com