Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4397DACTM Datasheet(PDF) 25 Page - Maxim Integrated Products

Part # MAX4397DACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397DACTM Datasheet(HTML) 25 Page - Maxim Integrated Products

Back Button MAX4397DACTM Datasheet HTML 21Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 22Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 23Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 24Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 25Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 26Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 27Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 28Page - Maxim Integrated Products MAX4397DACTM Datasheet HTML 29Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
______________________________________________________________________________________
25
MAX4397SA
ALL CAPACITORS ARE 0.1µF AND ALL RESISTORS ARE 75Ω, UNLESS OTHERWISE NOTED.
VCR_Y/CVBS_OUT
10
11
12
SDA
1
SCL
2
DEV_ADDR
3
ENC_INL
N.C.
4
5
ENC_INR
N.C.
6
7
VCR_INR
8
3.3kΩ
4.7kΩ
9
RF_CVBS_OUT
TV_Y/CVBS_OUT
TV_R/C_OUT
TV_G_OUT
TV_B_OUT
VCR_R/C_OUT
VVID
37
38
39
40
41
42
43
44
45
46
47
48
VCR_INL
TV_INR
TV_INL
GNDAUD
SDA
SCL
DEV_ADDR
ENC_INL_SC
ENC_INR_SC
VCR_INR_SC
VCR_INL_SC
TV_INR_SC
TV_INL_SC
TVOUT_FS
GNDVID
ENCIN_FS
VCRIN_FS
VCR_Y/CVBS_OUT_SC
RF_CVBS_OUT_SC
TV_Y/CVBS_OUT_SC
TV_R/C_OUT_SC
TV_G_OUT_SC
TV_B_OUT_SC
VCR_R/C_OUT_SC
VVID
TVOUT_FS_SC
ENCIN_FS
VCRIN_FS
3.3kΩ
4.7kΩ
4.7kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
3.3kΩ
27
26
25
36
10µF
0.1µF
35
34
33
32
31
30
29
28
4.7kΩ
3.3kΩ
3.3kΩ
24
23
22
21
20
19
18
17
16
15
14
13
100kΩ
10µF
0.1µF
10µF
0.1µF
10µF
VAUD
10µF
10µF10µF10µF
0.1µF
VVID
V12
10kΩ
10kΩ
10µF
47µF
0.1µF
Typical Application Circuits (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com