Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4397SACTM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4397SACTM
Description  Audio/Video Switch for Dual SCART Connectors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4397SACTM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4397SACTM Datasheet HTML 1Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 2Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 3Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 4Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 5Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 6Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 7Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 8Page - Maxim Integrated Products MAX4397SACTM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Audio/Video Switch for Dual SCART Connectors
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(V12 = 12V, VVID = VAUD = 5V, 0.1µF X5R capacitor in parallel with a 10µF aluminum electrolytic capacitor from VAUD to GNDAUD,
V12 to GNDAUD, and VVID to GNDVID, SET = 100kΩ nominal, RLOAD = 150Ω, TA = 0°C to +70°C, unless otherwise noted. Typical
values are at TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
f = 0.1MHz to 4.43MHz
8
Group Delay Variation
∆GD
f = 0.1MHz to 5.5MHz
12
nS
Sync-Tip Clamp Level
V_CLMP
RGB, Composite, and Luma input, no signal,
no load
1.21
V
Chroma Bias
V_BIAS
Chroma input only, no signal, no load
1.9
V
Droop
D
Set by input current
-2
+2
%
Power-Supply Rejection Ratio
PSRR_V
DC, 0.5VP-P
48
dB
CVBS, Y, or RGB video inputs, VIN > V_CLMP
4MΩ
Input Impedance
ZIN
Chroma video input, VIN = V_BIAS
11
kΩ
Input Clamp Current
ICLMP
VIN = 1.75V
2.5
5
8.0
µA
Pulldown Resistance
RP
Enable VCR_R/C_OUT and TV_R/C_OUT
pulldown through I
2C, (see registers 7 and 9
for loading register details)
10
RGB, Composite, and Luma, no signal,
no load
1.08
Output Pin Bias Voltage
VOUT
Chroma, no signal, no load
2.27
V
Crosstalk
XTLK
Between any two active inputs, f = 4.43MHz,
VIN = 1VP-P
-50
dB
Mute Suppression
M_SPR_V
f = 4.43MHz, VIN = 1VP-P, on one input only
-50
dB
AUDIO CHARACTERISTICS (Note 3)
TV or VCR to stereo, gain = 0dB,
VIN = 1VP-P
-0.5
0
+0.5
TV or VCR to mono, gain = 0dB, VIN = 1VP-P
2.5
3
3.5
ENC to stereo, gain = 0dB, VIN = 1VP-P
3.02
3.52
4.02
Voltage Gain (From Application
Input)
G_A
ENC to mono, gain = 0dB, VIN = 1VP-P
6.02
6.52
7.02
dB
Gain Matching Between
Channels
∆G_A
Gain = 0dB, VIN = 1VP-P
-0.5
0
+0.5
dB
Flatness
∆A
f = 20Hz to 20kHz, 0.5VRMS input,
gain = 0dB
0.01
dB
Frequency Bandwidth
BW
0.5VRMS input, frequency where output is
-3dB referenced to 1kHz
230
kHz
Input DC Level (Excluding
Encoder Inputs that are High
Impedance)
VIN
Gain = 0dB
0.2308
x V12
V
Encoder Input Common-Mode
Voltage Range
VCM
MAX4397DA only,
input differential signal = 0V
1.2
VAUD -
0.7
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com