Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5331 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX5331
Description  12-Bit DACs with 32-Channel Sample-and-Hold Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5331 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX5331 Datasheet HTML 1Page - Maxim Integrated Products MAX5331 Datasheet HTML 2Page - Maxim Integrated Products MAX5331 Datasheet HTML 3Page - Maxim Integrated Products MAX5331 Datasheet HTML 4Page - Maxim Integrated Products MAX5331 Datasheet HTML 5Page - Maxim Integrated Products MAX5331 Datasheet HTML 6Page - Maxim Integrated Products MAX5331 Datasheet HTML 7Page - Maxim Integrated Products MAX5331 Datasheet HTML 8Page - Maxim Integrated Products MAX5331 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
12-Bit DACs with 32-Channel
Sample-and-Hold Outputs
4
_______________________________________________________________________________________
Note 1: The nominal zero-scale voltage (code = 0) is -4.0535V. The nominal full-scale voltage (code = FFF hex) is +9.0503V. The
output voltage is limited by the output range specification, restricting the usable range of DAC codes. The nominal zero-
scale voltage can be achieved when VSS < -4.9V, and the nominal full-scale voltage can be achieved when VDD > +11.5V.
Note 2: Gain is calculated from measurements:
for voltages VDD = 10V and VSS = -4V at codes C00 hex and 4F3 hex
for voltages VDD = 11.6V and VSS = -2.9V at codes FFF hex and 253 hex
for voltages VDD = 9.25V and VSS = -5.25V at codes D4F hex and 0 hex
for voltages VDD = 8.55V and VSS = -2.75V at codes C75 hex and 282 hex
Note 3: Steady-state change in any output with an 8V change in an adjacent output.
Note 4: Settling during the first update for an 8V step. The output will settle to within the linearity specification on subsequent
updates. Tested with an external sequencer clock frequency of 480kHz.
Note 5: External clock mode with the external clock not toggling.
Note 6: The output voltage is the sum of the DAC output and the voltage at GS. GS gain is measured at 4F3 hex.
Note 7: The sequencer runs at fSEQ = fECLK / 4. Maximum speed is limited by settling of the DAC and SHAs. Minimum speed is
limited by acceptable droop and update time after a burst-mode update.
Note 8: VDD rise to CS low = 500µs maximum.
Note 9: Guaranteed by gain-error test.
Note 10: The serial interface is inactive. VIH = VLOGIC, VIL = 0.
Note 11: The serial interface is active. VIH = VLOGIC, VIL = 0.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +10V, VSS = -4V, VLOGIC = VLDAC = VLSHA = +5V, VREF = +2.5V, AGND = DGND = VGS = 0, RL
≥ 10MΩ, CL = 50pF,
CLKSEL = +5V, fECLK = 400kHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK-High to CS-High Hold Time
tCSH1
0ns
DIN to SCLK High Setup Time
tDS
15
ns
DIN to SCLK High Hold Time
tDH
0ns
RST-to-CS Low
(Note 8)
500
µs
POWER SUPPLIES
Positive Supply Voltage
VDD
(Note 9)
8.55
10
11.60
V
Negative Supply Voltage
VSS
(Note 9)
-5.25
-4
-2.75
V
Supply Difference
VDD - VSS (Note 9)
14.5
V
Logic Supply Voltage
VLOGIC,
VLDAC,
VLSHA
4.75
5
5.25
V
Positive Supply Current
IDD
32
42
mA
Negative Supply Current
ISS
-40
-32
mA
(Note 10)
1
1.5
Logic Supply Current
ILOGIC
fSCLK = 20MHz (Note 11)
2
3
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com