Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZLP12840P2828G Datasheet(PDF) 39 Page - Zilog, Inc.

Part # ZLP12840P2828G
Description  Crimzon-TM Infrared Microcontrollers ZLP12840 OTP MCU with Learning Amplification
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

ZLP12840P2828G Datasheet(HTML) 39 Page - Zilog, Inc.

Back Button ZLP12840P2828G Datasheet HTML 35Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 36Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 37Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 38Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 39Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 40Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 41Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 42Page - Zilog, Inc. ZLP12840P2828G Datasheet HTML 43Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
PS024406-0106
P R E L I M I N A R Y
Memory and Registers
ZLP12840 OTP MCU
Product Specification
28
Memory and Registers
The Z8 LXM CPU used in the ZLP12840 family of devices incorporates special features
to extend the available memory space while maintaining the benefits of a Z8® CPU core in
consumer and battery-operated applications.
OTP Program/Constant Memory
The ZLP12840 family of devices can address up to 128KB of one-time programmable
(OTP) memory, used for object code (program instructions and immediate data) and con-
stant data (ROM tables and data constants). The amount of OTP implemented depends on
the specific device. The OTP memory space is organized in 64KB pages with the follow-
ing characteristics:
Page 0 can contain up to 64KB of program instructions and constant data. The first 12
bytes of Page 0 are reserved for the six available 16-bit interrupt request (IRQ) vectors.
Upon reset, program execution begins at address 000Ch in Page 0. Execution rolls over to
the bottom of Page 0 if the program counter exceeds the highest Page 0 address (FFFFh).
Page 1, if implemented, can contain up to 64KB of data constants and tables only. Page 1
cannot contain program instructions or immediate data. Constant data in either page can
be accessed only by the Load Constant (LDC and LDCI) instructions. LDC and LDCI use
16-bit addresses to access OTP memory.
For example, if a ZLP12840 family device contains 96KB of OTP memory, only the first
64KB (Page 0) can contain object code; the remaining 32KB (in Page 1) is available for
constant data. For a ZLP12840 family device with 64KB or less of total OTP memory, all
OTP memory is available for object code or constant data.
The page accessed by LDC or LDCI depends on the value of Program Memory Page Reg-
ister bit 0 (PMPR[0]). Page 0 is accessed if PMPR[0]=0; Page 1 is accessed if
PMPR[0]=1. PMPR[7] enables the page toggle feature. For example, if PMPR[0]=0,
PMPR[7]=1, and a Load Constant and Increment (LDCI) instruction address increments
past FFFFh, the state of PMPR[0] is toggled from 0 to 1, and the next LDCI instruction
addresses 0000h on Page 1.
Figure 8 on page 29 illustrates the Program/Constant memory map for a 128KB device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com