Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BIS00AT Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BIS00AT
Description  LF (70/455 kHz)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BIS00AT Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BIS00AT Datasheet HTML 1Page - Balluff Korea Ltd. BIS00AT Datasheet HTML 2Page - Balluff Korea Ltd. BIS00AT Datasheet HTML 3Page - Balluff Korea Ltd. BIS00AT Datasheet HTML 4Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LF (70/455 kHz)
BIS C-6023-025-050-03-ST13
Order Code: BIS00AT
Internet
www.balluff.com
eCl@ss 9.1: 27-28-04-01
Subject to change without notice: 281615
ETIM 6.0: EC002998
BIS00AT_0.34_2021-08-25
2 / 4
Electrical data
Control input
1 (optocoupler isolated)
Control voltage active
4…40 V
Control voltage inactive
1.5…-40 V
Current consumption max. at 24 V DC 400 mA
Delay time typ.
5 ms
Input current max. at 24 V
11 mA
Operating voltage Ub
19.2...28.8 VDC
Residual ripple max.
10 %
Environmental conditions
Ambient temperature
0...60 °C
Continuous shock load
yes
EN 60068-2-27, Shock
yes
EN 60068-2-32 Free fall
yes
EN 60068-2-6, Vibration
yes
IP rating
IP65, with connector
Interface
Interface
DeviceNet galvanically isolated
Material
Housing material
Aluminum, Die casting
Material
undefined
Mechanical data
Application weight
820.00 g
Dimension
100 x 60 x 160 mm
Remarks
Values are under rated conditions unless otherwise specified.
Accessories not included: For connecting to: X1 = BKS-S79-00 X2 = BKS-S98-00 X3 = BKS-S99-00 cover cap for X2 = 118735 termination resistor for X2
= BKS-S98-R1
When installing, the technical standards and regulations of the corresponding countries must be observed.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com