Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD70210 Datasheet(PDF) 26 Page - Microchip Technology

Part # PD70210
Description  Front-End PD Interface Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD70210 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PD70210 Datasheet HTML 22Page - Microchip Technology PD70210 Datasheet HTML 23Page - Microchip Technology PD70210 Datasheet HTML 24Page - Microchip Technology PD70210 Datasheet HTML 25Page - Microchip Technology PD70210 Datasheet HTML 26Page - Microchip Technology PD70210 Datasheet HTML 27Page - Microchip Technology PD70210 Datasheet HTML 28Page - Microchip Technology PD70210 Datasheet HTML 29Page - Microchip Technology PD70210 Datasheet HTML 30Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
7.
Revision History
Revision
Date
Description
A
10/2020
Revision A is the latest publication of this document. The following is
the summary of changes:
• The document was updated to Microchip template.
• The document number updated to DS00003695.
3.0
10/2019
The following is a summary of the changes in revision 3.0 of this
document.
• Updated package marking of the following figures.
– Figure 3-1
– Figure 3-2
– Figure 3-3
• 1.1 Application Information section was updated.
• 5. Ordering Information section was updated.
2.0
03/2020
The following is a summary of changes in revision 2.0 of this
document.
• Document format was updated.
• Capacitor between VAUX and VPN_OUT was updated to 4.7 μF
according to AN_209 Application Note. For more information,
see Applications.
• MSL3 rating was added to the storage temperature information.
For more information, see 2.1 Absolute Maximum Ratings.
1.51
10/2015
The following is a summary of changes in revision 1.51 of this
document.
• The 80 mS delay was removed from the Vaux pin description.
• Missing UVLO_ON information was added.
1.50
10/2014
Added flag description details in revision 1.50
1.40
06/2014
Added WA_EN information in revision 1.40.
1.38
04/2014
Added thermal properties were in revision 1.38.
1.37
01/2014
Corrected package information in revision 1.37.
1.36
01/2014
Added IC marking information in revision 1.36.
1.34
The following is a summary of changes in revision 1.34 of this
document.
• A new 38-pin, 5 × 7 QFN package option was added
(PD70210AL).
• The package drawing was updated and an application diagram
for the new package added.
• The flag table was updated.
1.2
11/2013
In revision 1.2 of this document, the PD70210 application diagram
was updated.
1.1
10/2013
In revision 1.1 of this document, the Vaux description and cap GND
symbol were fixed.
1.0
06/2013
Revision 1.0 was the first publication of this document.
PD70210/PD70210A/PD70210AL
Revision History
© 2020 Microchip Technology Inc.
Datasheet
DS00003695A-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com