Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ABT373CFCX Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74ABT373CFCX
Description  Octal Transparent Latch with TRI-STATE Outputs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74ABT373CFCX Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74ABT373CFCX Datasheet HTML 1Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 2Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 3Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 4Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 5Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 6Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 7Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 8Page - National Semiconductor (TI) 74ABT373CFCX Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Functional Description
The
’ABT373
contains
eight
D-type
latches
with
TRI-STATE output buffers When the Latch Enable (LE) in-
put is HIGH data on the Dn inputs enters the latches In this
condition the latches are transparent ie a latch output will
change state each time its D input changes When LE is
LOW the latches store the information that was present on
the D inputs a setup time preceding the HIGH-to-LOW tran-
sition of LE The TRI-STATE buffers are controlled by the
Output Enable (OE) input When OE is LOW the buffers are
in the bi-state mode When OE is HIGH the buffers are in
the high impedance mode but this does not interfere with
entering new data into the latches
Truth Table
Inputs
Output
LE
OE
Dn
On
HL
H
H
HL
L
L
LL
X
On (no change)
XH
X
Z
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance State
Logic Diagram
TLF11547 – 3
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com