Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5559 Datasheet(PDF) 1 Page - 3M Electronics

Part # 5559
Description  Water Contact Indicator Tape 5559
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

5559 Datasheet(HTML) 1 Page - 3M Electronics

  5559 Datasheet HTML 1Page - 3M Electronics 5559 Datasheet HTML 2Page - 3M Electronics 5559 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3M™ Water Contact Indicator Tape 5559
Product Description
3M™ Water Contact Indicator Tape 5559 is an ultra-thin 5.0 mil (127 micron) thick tape that changes color rapidly from
white to red upon contact with water. It is designed to withstand heat and humidity aging without giving water
indications. The top surface is press printable by laser and ink jet devices.
Key Features
•
Highly absorbent
•
Quickly transport water to show FAST indication
•
Does not falsely indicate water contact in high humidity exposures
•
Performance not degraded by high humidity exposure
•
Easily die cuttable with rotary die cutting process
•
Very high bond strength acrylic adhesive, bonds to most surfaces
•
Thin construction, no film top layer
Product Construction/Material Description
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes.
Applications
•
Use in water contact indicator in handheld or portable electronic devices.
•
Smart phones, tablets laptop computers and keyboards.
•
Wearable electronic devices,
•
Gaming and MP3 player
•
Two-way radios
•
Digital cameras
•
Li-MH Batteries and chargers
•
Ultra-thin caliper, 5.0 mils total, is suitable for application with tight design tolerances
Application Techniques
•
Tape maybe die cut using rotary die cutting process
Absorbent indicator layer
High performance acrylic adhesive
PET release liner (remove)
3M™ Water Contact Indicator Tape 5559
Property
Value
Color
White (top)/Red (bottom)
Adhesive
Acrylic
Backing
Paper
Thickness
5 mils (0.127 mm)
Standard Roll Length
180 yards
Technical Data | August 2019


Similar Part No. - 5559

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5559 MOLEX-5559 Datasheet
31Kb / 2P
Mini-Fit Jr. Power Connectors
10/19/2018
5559 MOLEX-5559 Datasheet
31Kb / 2P
Mini-Fit Jr.™ Power Connectors
08/10/2016
5559-02P MOLEX3-5559-02P Datasheet
255Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-2, Panel Mount, 2 Circuits
5559-02P MOLEX11-5559-02P Datasheet
38Kb / 2P
Mini-Fit Jr.??Plug Housing, Dual Row with Panel Mount Ears
5559-02P-210 MOLEX3-5559-02P-210 Datasheet
255Kb / 4P
4.20mm (.165") Pitch Mini-Fit Jr.??Plug Housing, Dual Row, with and without Panel Mount Ears, UL 94V-0, Panel Mount, 2 Circuits
More results

Similar Description - 5559

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA1006A ETC-TDA1006A Datasheet
238Kb / 8P
MOTOR REGULATOR WITH AUTOMATIC TAPE END INDICATOR
logo
LUMEX INC.
SML-LX5050UWC2-TR LUMEX-SML-LX5050UWC2-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
SML-LX5050UWC3-TR LUMEX-SML-LX5050UWC3-TR Datasheet
176Kb / 3P
5.0x5.0mm SML W/REFLECTOR, WHITE, WATER CLEAR, TAPE & REEL
logo
Harwin Plc
S9101-46R HARWIN-S9101-46R Datasheet
105Kb / 1P
SMT CONTACT CLIP IN TAPE & REEL
logo
3M Electronics
5414 3M-5414 Datasheet
115Kb / 3P
3M??Water-Soluble Wave Solder Tape 5414, Transparent
6146 3M-6146 Datasheet
134Kb / 4P
3M??Medium Duty Reinforced Water Activated Tape 6146 Kraft
6141 3M-6141 Datasheet
132Kb / 5P
3M™ Light Duty Water Activated Paper Tape 6141
Feb-2011
5557 3M-5557 Datasheet
129Kb / 3P
Water Contact Indicator Tape 5557
5558 3M-5558 Datasheet
148Kb / 3P
Water Contact Indicator Tape 5558
logo
Keystone Electronics Co...
118TR KEYSTONE-118TR Datasheet
303Kb / 2P
CONTACT ON TAPE AND REEL
6.23.15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com