Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILA19002 Datasheet(PDF) 8 Page - Integral Corp.

Part # ILA19002
Description  SINGLE PHASE BIDIRECTIONAL POWER/ENERGY METERING IC WITH INSTANTANEOUS PULSE OUTPUT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

ILA19002 Datasheet(HTML) 8 Page - Integral Corp.

Back Button ILA19002 Datasheet HTML 4Page - Integral Corp. ILA19002 Datasheet HTML 5Page - Integral Corp. ILA19002 Datasheet HTML 6Page - Integral Corp. ILA19002 Datasheet HTML 7Page - Integral Corp. ILA19002 Datasheet HTML 8Page - Integral Corp. ILA19002 Datasheet HTML 9Page - Integral Corp. ILA19002 Datasheet HTML 10Page - Integral Corp. ILA19002 Datasheet HTML 11Page - Integral Corp. ILA19002 Datasheet HTML 12Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ILA19002
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
8
V
FMO
t
tMAINS
t
Due to comparator offset, the FMO low to high transition can be occur within a range as
shown above. The time between successive low to high transitions will be equal to the mains
voltage period.
TYPICAL APPLICATIONS
In the Application Circuits (Figures 1 and 2), the components required for power metering
applications, are shown.
In Figure 1 a shunt resistor is used for current sensing. In this application, the circuitry
requires a +2.5V, 0V, -2.5V DC supply.
In the case of Figure 2, when using a current transformer for current sensing, a +5V, 0V DC
supply is sufficient.
The most important external components for the ILA19002 integrated circuit are:
R2, R1 and RSH are the resistors defining the current level into the current sense input. The
values should be selected for an input current of 16µARMS into the ILA19002 at maximum line
current.
Values for RSH of less than 200µ
Ω should be avoided.
R 1 = R 2 = (I L /16µA)RMS * RSH /2
Where
I L
=
Line current
RSH =
Shunt resistor/termination resistor
R3, R6 and R4 set the current for the voltage sense input. The values should be selected so
that the input current into the voltage sense input (virtual ground) is set to 14µARMS.
R7 defines all on-chip bias and reference currents. With R7 = 24kΩ, optimum conditions are
set. R7 may be varied within ±10% for calibration purposes. Any change to R7 will affect the
output quadratically (i.e.: R7 = +5%, fP = +10%).
The formula for calculating the output frequency is given below:
2
58
.
3
16
.
11
R
V
I
I
I
I
MHz
FOSC
FOUTX
f
⋅
∗
∗
∗
=
Where FOUTX = Normal rated frequency (1160Hz)
FOSC
= Oscillator frequency (2MHz ...... 4MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com