| Electronic Components Datasheet Search |
|
74ACT823SCX Datasheet(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
74ACT823SCX Datasheet(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 8 page ![]() Functional Description The ’ACT823 consists of nine D-type edge-triggered flip- flops These have TRI-STATE outputs for bus systems or- ganized with inputs and outputs on opposite sides The buff- ered clock (CP) and buffered Output Enable (OE) are com- mon to all flip-flops The flip-flops will store the state of their individual D inputs that meet the setup and hold time re- quirements on the LOW-to-HIGH CP transition With OE LOW the contents of the flip-flops are available at the out- puts When OE is HIGH the outputs go to the high imped- ance state Operation of the OE input does not affect the state of the flip-flops In addition to the Clock and Output Enable pins there are Clear (CLR) and Clock Enable (EN) pins These devices are ideal for parity bus interfacing in high performance systems When CLR is LOW and OE is LOW the outputs are LOW When CLR is HIGH data can be entered into the flip-flops When EN is LOW data on the inputs is transferred to the outputs on the LOW-to-HIGH clock transition When the EN is HIGH the outputs do not change state regardless of the data or clock input transitions Function Table Inputs Internal Output Function OE CLR EN CP D Q O HX L L L L Z High Z HX L L H H Z High Z H L X X X L Z Clear L L X X X L L Clear H H H X X NC Z Hold L H H X X NC NC Hold HH L L L L Z Load HH L L H H Z Load LH L L L L L Load LH L L H H H Load H e HIGH Voltage Level L e LOW Voltage Level X e Immaterial Z e High Impedance L e LOW-to-HIGH Transition NC e No Change Logic Diagram TLF9894 – 5 Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays 2 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |