Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADBMS6815 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS6815
Description  12-Channel Multicell Battery Monitor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS6815 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS6815 Datasheet HTML 1Page - Analog Devices ADBMS6815 Datasheet HTML 2Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12-Channel Multicell Battery Monitor
Data Sheet
ADBMS6815
Rev. SpA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Measures up to 12 battery cells in series
Maximum lifetime total measurement error: 1.5 mV
Stackable architecture for high voltage battery packs
Built-in isoSPI interface
2 Mb isolated serial communications
Uses a single twisted pair, up to 20 meters
Low EMI susceptibility and emissions
Bidirectional for broken wire protection
Capacitor or transformer coupled
Hot plug tolerant without external protection
ADBMS6815WFS models designed for use in ISO 26262
applications for Automotive Safety Integrity Level
Capability D (ASIL D)
Diagnostics for IC and application circuit failure modes
304 μs to measure all cells in a system
16-bit ADC with programmable noise filter
Passive cell balancing up to 300 mA per channel with
programmable PWM
7 GPIO or analog inputs
Temperature or other sensor inputs
Configurable as an I2C or SPI master
Sleep state supply current: 5.5 μA
48-lead LQFP package with exposed pad
AEC-Q100 qualified for automotive applications
APPLICATIONS
Electric and hybrid electric vehicles
Backup battery systems
Grid energy storage
Large portable power banks
TYPICAL APPLICATION CIRCUIT
LTC2949
BATTERY
PACK
MONITOR
isoSPI
PORT
LTC6820
isoSPI
SPI
SPI
LTC6820
isoSPI
BMS CONTROLLER
(SAFETY MICROCONTROLLER)
isoSPI
PORT B
isoSPI
PORT A
isoSPI
PORT B
isoSPI
PORT A
isoSPI
PORT A
isoSPI
PORT B
isoSPI
PORT A
isoSPI
PORT B
UP TO
12
CELLS
+
OPTIONAL
REVERSIBLE
isoSPI
LOOP
4
4
HV–
ADBMS6815
ADBMS6815
ADBMS6815
ADBMS6815
–t°
MODULE 2
MODULE N – 1
MODULE 1
MODULE N
4 MODULES SHOWN
UP TO
12
CELLS
UP TO
12
CELLS
–t°
+
UP TO
12
CELLS
+
–t°
HV+
–t°
+
BAT+
CHASSIS
GND
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADBMS6815 is a multicell battery stack monitor that
measures up to 12 series connected battery cells with a lifetime
total measurement error (TME) of less than 1.5 mV. The cell
measurement range of 0 V to 5 V makes the ADBMS6815
suitable for most battery chemistries. All 12 cells can be measured
in 304 μs, and lower data acquisition rates can be selected for
high noise reduction.
Multiple ADBMS6815 devices can be connected in series,
permitting simultaneous cell monitoring of long, high voltage
battery strings. Each ADBMS6815 has an isoSPI™ interface for
high speed, RF immune, long distance communications.
Multiple devices are connected in a daisy chain with one host
processor connection for all devices. This daisy chain can be
operated bidirectionally, ensuring communication integrity
even in the event of a fault along the communication path.
The ADBMS6815 can be powered directly from the battery
stack or from an isolated supply. The ADBMS6815 includes
passive balancing for each cell, with individual pulse-width
modulation (PWM) duty cycle control for each cell. Other
features include an on-board 5 V regulator, seven general-
purpose input/output (GPIO) lines, and a sleep state, where
current consumption is reduced to 5.5 μA.
The ADBMS6815WFS models are designed for use in
ISO 26262 applications for Automotive Safety Integrity Level
Capability D (ASIL D).
For more information on the ADBMS6815, visit the ADBMS6815 product page.


Similar Part No. - ADBMS6815

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6817M AD-ADBMS6817M Datasheet
185Kb / 2P
8-Channel Multicell Battery Monitor
Rev. Sp0
More results

Similar Description - ADBMS6815

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6802-1 LINER-LTC6802-1 Datasheet
262Kb / 32P
Multicell Battery Stack Monitor
LTC6803-1 LINER-LTC6803-1_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-2 LINER-LTC6803-2_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6803-3 LINER-LTC6803-3_15 Datasheet
427Kb / 40P
Multicell Battery Stack Monitor
LTC6803-4 LINER-LTC6803-4_15 Datasheet
409Kb / 40P
Multicell Battery Stack Monitor
LTC6813-1 LINER-LTC6813-1 Datasheet
1Mb / 86P
Multicell Battery Monitor
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
ADBMS6830 AD-ADBMS6830 Datasheet
157Kb / 2P
16-Channel Multicell Battery Monitor
ADBMS6817M AD-ADBMS6817M Datasheet
185Kb / 2P
8-Channel Multicell Battery Monitor
Rev. Sp0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com