Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIN1110CCPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIN1110CCPZ-R7
Description  Robust, Industrial, Low Power 10BASE-T1L Ethernet MAC-PHY
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIN1110CCPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIN1110CCPZ-R7 Datasheet HTML 28Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 29Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 30Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 31Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 32Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 33Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 34Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 35Page - Analog Devices ADIN1110CCPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
Data Sheet
ADIN1110
MAC SPI
analog.com
Rev. 0 | 32 of 104
The OPEN Alliance SPI protocol defines two types of transactions:
data transactions for Ethernet frame transfers and control transac-
tions for register read/write operations.
A chunk is the basic element of data transactions, and they are
composed of 4 bytes of overhead plus the configured payload size.
Data transactions consist of an equal number of transmit and
receive chunks. Chunks in both transmit and receive directions
may or may not contain valid frame data independent from each
other, allowing for the simultaneous transmission and reception of
different length frames. The data header of the chunk in transmit
frames, and the data footer in receive frames, indicate which bytes
of the payload contain valid frame data. For full information on the
OPEN Alliance SPI protocol used by the ADIN1110, refer to OPEN
Alliance 10BASE-T1x MAC-PHY Serial Interface v1.0.
Note that CS has to be deasserted between data transactions and
control transactions, as shown in Figure 22.
Figure 22. Ethernet Data Frame Transfer Followed by Control Transfer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com