Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN16C01 Datasheet(PDF) 2 Page - Integral Corp.

Part # IN16C01
Description  16-BIT RISC MICROCONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN16C01 Datasheet(HTML) 2 Page - Integral Corp.

  IN16C01 Datasheet HTML 1Page - Integral Corp. IN16C01 Datasheet HTML 2Page - Integral Corp. IN16C01 Datasheet HTML 3Page - Integral Corp. IN16C01 Datasheet HTML 4Page - Integral Corp. IN16C01 Datasheet HTML 5Page - Integral Corp. IN16C01 Datasheet HTML 6Page - Integral Corp. IN16C01 Datasheet HTML 7Page - Integral Corp. IN16C01 Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IN16C01
Korzhenevskogo 12, Minsk, 220108, Republic of
Belarus
Fax:
+375 (17) 278 28 22,
Phone: +375 (17) 278 07 11, 212 24 70, 212 24 61,
212 69 16
E-mail: office@bms.by
URL: www.bms.by
As one can see in the figure the microcontroller consists of the following units:
• CPU core
• RAM
• PROM
• Timer system (counter/timer, watchdog timer)
• UART
• Synchronous serial interface (SSI)
• Parallel ports D, C
The IN16C01 is a synchronous VLSI with fully static operation, i.e. the microcontroller’s clock may be shut
off indefinitely without the device losing its state. Once the clock is restored the microcontroller will begin
executing as if there had been no interruption.
The current IN16C01 realisation is assumed to have the maximum clock frequency of 10 MHz.
2.1
CPU core
The brains of the IN16C01 is the CPU core.
Main CPU core features are:
• Stack oriented RISC architecture
• 24-bit address
• 16/32-data
• Modified Harvard architecture with independent
simultaneous access to the program and data
spaces
• Two data stacks of 8 sixteen-bit words each
• Sixteen 24 bit words for return stack
• Eight 24 bit words for address stack
• All instructions are executed in one or two clock
cycles
• Interrupt response of two clock cycles
• 16x16 multiply in one clock cycle
• Multiply-accumulate (with 38 bit accumulator) in
two clock cycles
• Divide operation support
The stack oriented architecture means that the
processed data are stored in a stack (the data stack).
Vast majority of the microcontroller’s instructions use
one or two top stack words as their operands. The
particular feature of the IN16C01 is that it has four
stacks: two stacks for data, a return stack and an
address
stack.
All
the
stacks
can
operate
simultaneously. The data stacks contain processed
data. The return stack contains 'return from
subroutine' addresses or variables addresses. The
address stack contains variables addresses.
Fig. 2.2. Block diagram of the CPU core
The block diagram of the CPU core is shown in fig. 2.2. As one can see from the figure,
the CPU contains the following units:
DS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com