Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX312C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX312C/D
Description  10廓, Quad, SPST, CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX312C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX312C/D Datasheet HTML 4Page - Maxim Integrated Products MAX312C/D Datasheet HTML 5Page - Maxim Integrated Products MAX312C/D Datasheet HTML 6Page - Maxim Integrated Products MAX312C/D Datasheet HTML 7Page - Maxim Integrated Products MAX312C/D Datasheet HTML 8Page - Maxim Integrated Products MAX312C/D Datasheet HTML 9Page - Maxim Integrated Products MAX312C/D Datasheet HTML 10Page - Maxim Integrated Products MAX312C/D Datasheet HTML 11Page - Maxim Integrated Products MAX312C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAX31
10
Ω
Ω, Quad, SPST, CMOS Analog Switches
10
______________________________________________________________________________________
___________________Chip Topography
Ordering Information (continued)
B
COM3
0.140"
(3.56mm)
0.085"
(2.16mm)
COM4 IN4
IN3
VL
D
V+
C
COM1 IN1
IN2 COM2
V-
GND
A
PART
MAX313CPE
MAX313CSE
MAX313C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 Plastic DIP
16 Narrow SO
Dice*
MAX313EPE
MAX313ESE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
MAX313MJE
-55°C to +125°C
16 CERDIP**
MAX314CPE
MAX314CSE
MAX314C/D
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 Plastic DIP
16 Narrow SO
Dice*
MAX314EPE
MAX314ESE
-40°C to +85°C
-40°C to +85°C
16 Plastic DIP
16 Narrow SO
MAX314MJE
-55°C to +125°C
16 CERDIP**
* Contact factory for dice specifications.
**Contact factory for availability.
TRANSISTOR COUNT: 100
SUBSTRATE CONNECTED TO V+
PIN
NAME
PIN
NC1
A
NC4
B
NC3
C
NC2
D
A
B
C
D
NAME
PIN
NAME
A
NO1
B
NO4
C
NO3
D
NO2
NO1
NO4
NC3
NC2
MAX312
MAX313
MAX314
MAX313CUE
0°C to +70°C
16 TSSOP
MAX313EUE
-40°C to +85°C
16 TSSOP
MAX314CUE
0°C to +70°C
16 TSSOP
MAX314EUE
-40°C to +85°C
16 TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com