Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZBVG13 Datasheet(PDF) 2 Page - Schneider Electric

Part # ZBVG13
Description  Light block, Harmony XB4, Harmony XB5, white for head 횠22 mm integral LED 110...120 V faston connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

ZBVG13 Datasheet(HTML) 2 Page - Schneider Electric

  ZBVG13 Datasheet HTML 1Page - Schneider Electric ZBVG13 Datasheet HTML 2Page - Schneider Electric ZBVG13 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ambient Air Temperature for
Storage
-40…158 °F (-40…70 °C)
Ambient Air Temperature for
Operation
-40…158 °F (-40…70 °C)
IP degree of protection
IP20 IEC 60529
Standards
EN/IEC 60947-5-4
EN/IEC 60947-5-5
JIS C8201-5-1
EN/IEC 60947-5-1
EN/IEC 60947-1
CSA C22.2 No 14
UL 508
JIS C8201-1
Resistance to fast transients
2 kV IEC 61000-4-4
Resistance to electromagnetic
fields
9.14 V/m (10 V/m) IEC 61000-4-3
Resistance to electrostatic
discharge
6 kV on contact (on metal parts) IEC 61000-4-2
8 kV in free air (in insulating parts) IEC 61000-4-2
Electromagnetic emission
Class B IEC 55011
[Us] rated supply voltage
110...120 V
Ordering and shipping details
Category
22469 - PUSHBUTTON,22MM ACCESSORIES-NEW
Discount Schedule
CS2
GTIN
03389110816709
Nbr. of units in pkg.
1
Package weight(Lbs)
0.35 oz (10 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
2.20 in (5.6 cm)
Package 1 width
1.73 in (4.4 cm)
Package 1 Length
2.13 in (5.4 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Pro-active compliance (Product out of EU RoHS legal scope)
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Environmental Disclosure
Product Environmental Profile
Circularity Profile
End of Life Information
2
Nov 1, 2021



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com