Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D161DB12PI Datasheet(PDF) 43 Page - Advanced Micro Devices

Part # D161DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D161DB12PI Datasheet(HTML) 43 Page - Advanced Micro Devices

Back Button D161DB12PI Datasheet HTML 39Page - Advanced Micro Devices D161DB12PI Datasheet HTML 40Page - Advanced Micro Devices D161DB12PI Datasheet HTML 41Page - Advanced Micro Devices D161DB12PI Datasheet HTML 42Page - Advanced Micro Devices D161DB12PI Datasheet HTML 43Page - Advanced Micro Devices D161DB12PI Datasheet HTML 44Page - Advanced Micro Devices D161DB12PI Datasheet HTML 45Page - Advanced Micro Devices D161DB12PI Datasheet HTML 46Page - Advanced Micro Devices D161DB12PI Datasheet HTML 47Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
May 26, 2004
Am29DL16xD
43
AC CHARACTERISTICS
OE#
CE#
Addresses
VCC
WE#
Data
2AAh
SA
tAH
tWP
tWC
tAS
tWPH
555h for chip erase
10 for Chip Erase
30h
tDS
tVCS
tCS
tDH
55h
tCH
In
Progress
Complete
tWHWH2
VA
VA
Erase Command Sequence (last two cycles)
Read Status Data
RY/BY#
tRB
tBUSY
Notes:
1. SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see “Write Operation Status”).
2. These waveforms are for the word mode.
Figure 19.
Chip/Sector Erase Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com