Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D162DB12PI Datasheet(PDF) 19 Page - Advanced Micro Devices

Part # D162DB12PI
Description  16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

D162DB12PI Datasheet(HTML) 19 Page - Advanced Micro Devices

Back Button D162DB12PI Datasheet HTML 15Page - Advanced Micro Devices D162DB12PI Datasheet HTML 16Page - Advanced Micro Devices D162DB12PI Datasheet HTML 17Page - Advanced Micro Devices D162DB12PI Datasheet HTML 18Page - Advanced Micro Devices D162DB12PI Datasheet HTML 19Page - Advanced Micro Devices D162DB12PI Datasheet HTML 20Page - Advanced Micro Devices D162DB12PI Datasheet HTML 21Page - Advanced Micro Devices D162DB12PI Datasheet HTML 22Page - Advanced Micro Devices D162DB12PI Datasheet HTML 23Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 57 page
background image
May 26, 2004
Am29DL16xD
19
through AMD’s ExpressFlash™ Service. Contact an
AMD representative for details.
It is possible to determine whether a sector is pro-
tected or unprotected. See the Autoselect Mode
section for details.
Write Protect (WP#)
The Write Protect function provides a hardware
method of protecting certain boot sectors without
using V
ID. This function is one of two provided by the
WP#/ACC pin.
If the system asserts V
IL on the WP#/ACC pin, the de-
vice disables program and erase functions in the two
“outermost” 8 Kbyte boot sectors independently of
whether those sectors were protected or unprotected
using the method described in “Sector/Sector Block
Protection and Unprotection”. The two outermost 8
Kbyte boot sectors are the two sectors containing the
lowest addresses in a bottom-boot-configured device,
or the two sectors containing the highest addresses in
a top-boot-configured device.
If the system asserts V
IH on the WP#/ACC pin, the de-
vice reverts to whether the two outermost 8 Kbyte boot
sectors were last set to be protected or unprotected.
That is, sector protection or unprotection for these two
sectors depends on whether they were last protected
or unprotected using the method described in “Sec-
tor/Sector Block Protection and Unprotection”.
Note that the WP#/ACC pin must not be left floating or
unconnected; inconsistent behavior of the device may
result.
Temporary Sector/Sector Block Unprotect
(Note: For the following discussion, the term “sector”
applies to both sectors and sector blocks. A sector
block consists of two or more adjacent sectors that are
protected or unprotected at the same time (see Tables
8 and 9).
This feature allows temporary unprotection of previ-
ously protected sectors to change data in-system. The
Sector Unprotect mode is activated by setting the RE-
SET# pin to V
ID (8.5 V – 12.5 V). During this mode,
formerly protected sectors can be programmed or
erased by selecting the sector addresses. Once V
ID is
removed from the RESET# pin, all the previously pro-
tected sectors are protected again. Figure 1 shows the
algorithm, and Figure 24 shows the timing diagrams,
for this feature.
Figure 1.
Temporary Sector Unprotect Operation
START
Perform Erase or
Program Operations
RESET# = V
IH
Temporary Sector
Unprotect Completed
(Note 2)
RESET# = V
ID
(Note 1)
Notes:
1. All protected sectors unprotected (If WP#/ACC = V
IL,
outermost boot sectors will remain protected).
2. All previously protected sectors are protected once
again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com