Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8335 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8335
Description  Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8335 Datasheet(HTML) 3 Page - Analog Devices

  LT8335 Datasheet HTML 1Page - Analog Devices LT8335 Datasheet HTML 2Page - Analog Devices LT8335 Datasheet HTML 3Page - Analog Devices LT8335 Datasheet HTML 4Page - Analog Devices LT8335 Datasheet HTML 5Page - Analog Devices LT8335 Datasheet HTML 6Page - Analog Devices LT8335 Datasheet HTML 7Page - Analog Devices LT8335 Datasheet HTML 8Page - Analog Devices LT8335 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT8334
3
Rev. 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, EN/UVLO = 12V unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator
Switching Frequency (fOSC)
RT = 165k
RT = 45.3k
RT = 20k
l
l
l
265
0.9
1.85
300
1
2
327
1.08
2.15
kHz
MHz
MHz
SSFM Maximum Frequency Deviation
(∆f/fOSC) • 100, RT = 20k
14
20
28
%
Minimum On-Time
BURST Mode, VIN = 24V (Note 6)
PULSE SKIP Mode, VIN = 24V (Note 6)
70
60
90
85
ns
ns
Minimum Off-Time
l
50
75
ns
SYNC/Mode, Mode Thresholds (Note 5)
High (Rising)
Low (Falling)
l
l
0.14
1.3
0.2
1.7
V
V
SYNC/Mode, Clock Thresholds (Note 5)
Rising
Falling
l
l
0.4
1.3
0.8
1.7
V
V
fSYNC/fOSC Allowed Ratio
RT = 20k
0.95
1
1.25
kHz/kHz
SYNC Pin Current
SYNC = 2V
SYNC = 0V, Current Out of Pin
10
10
25
25
µA
µA
Switch
Maximum Switch Current Limit Threshold
l
5
6.25
7.75
A
Switch Overcurrent Threshold
Discharges SS Pin
9.4
A
Switch RDS(ON)
ISW = 0.5A
70
mΩ
Switch Leakage Current
VSW = 40V
0.1
1
µA
EN/UVLO Logic
EN/UVLO Pin Threshold (Rising)
Start Switching
l
1.576
1.68
1.90
V
EN/UVLO Pin Threshold (Falling)
Stop Switching
l
1.545
1.6
1.645
V
EN/UVLO Pin Current
VEN/UVLO = 1.6V
l
–75
75
nA
Soft-Start
Soft-Start Charge Current
SS = 0.5V
2
µA
Soft-Start Pull-Down Resistance
Fault Condition, SS = 0.1V
220
Ω
Error Amplifier
Error Amplifier Transconductance
FBX = 1.6V
FBX = –0.8V
75
60
µA/V
µA/V
Error Amplifier Voltage Gain
FBX = 1.6V
FBX = –0.8V
185
145
V/V
V/V
Error Amplifier Max Source Current
VC = 1.1V, Current Out of Pin
7
µA
Error Amplifier Max Sink Current
VC = 1.1V
7
µA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: INTVCC cannot be externally driven. No additional components or
loading is allowed on this pin.
Note 3: The LT8334R is specified over the –40°C to 150°C operating
junction range. High junction temperatures degrade operating
lifetimes. Note the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal impedance and
other environmental factors.
Note 4: The IC includes overtemperature protection that is intended to protect
the device during overload conditions. Junction temperature will exceed 150°C
when overtemperature protection is active. Continuous operation above the
specified maximum operating junction temperature will reduce lifetime.
Note 5: For SYNC/MODE inputs required to select modes of operation see
the Pin Functions and Applications Information sections.
Note 6: The IC is tested in a Boost converter configuration with the output
voltage programmed for 24V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com