Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4271 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4271
Description  4-Port IEEE 802.3bt PoE PSE Controller
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4271 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4271 Datasheet HTML 17Page - Analog Devices LTC4271 Datasheet HTML 18Page - Analog Devices LTC4271 Datasheet HTML 19Page - Analog Devices LTC4271 Datasheet HTML 20Page - Analog Devices LTC4271 Datasheet HTML 21Page - Analog Devices LTC4271 Datasheet HTML 22Page - Analog Devices LTC4271 Datasheet HTML 23Page - Analog Devices LTC4271 Datasheet HTML 24Page - Analog Devices LTC4271 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC4291-1/LTC4292
21
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 6. Port Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
PORT DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Good, Single-Signature PD
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
VPD > 10V
Port Voltage Outside Detect Range
Connection Check = INVALID
Connection Check Invalid
Connection Check = DUAL or
Channel Detection Results Differ
Refer to Channel Detect Results
Table 7. Channel Detection Status
MEASURED PD SIGNATURE
(TYPICAL)
CHANNEL DETECTION RESULT
Incomplete or Not Yet Tested
Detect Status Unknown
VPD < 1V
Short Circuit
CPD > 2.7μF
CPD Too High
RPD < 17k
RSIG Too Low
17k < RPD < 29k
Detect Good, Dual-Signature PD
RPD > 29k
RSIG Too High
RPD > 50k
Open Circuit
VPD > 10V
Channel Voltage Outside Detect Range
Connection Check = INVALID
Connection Check Invalid
Connection Check = SINGLE or
Channel Detection Results Match
Refer to Port Detect Result
More on Operating Modes
The port’s operating mode determines when the
LTC4291-1/LTC4292 runs a detection cycle. In manual
mode, the port will idle until the host orders a detect cycle.
It will then run detection, report the result, and return to
idle to wait for another command.
In semi-auto mode the LTC4291-1/LTC4292 autono-
mously polls a port for PDs, but it will not apply power
until commanded to do so by the host. The Port Status
and Channel Status registers are updated at the end of
each detection/classification cycle.
In semi-auto mode, if a valid signature resistance is
detected and classification is enabled, the port will classify
the PD and report that result as well. The port will then
wait for at least 100ms, and will repeat the detection cycle
to refresh the data in the Port Status registers.
The port will not turn on in response to a power-on com-
mand unless the current detect result is Detect Good. Any
other detect result will generate a tSTART fault if a power-on
command is received.
Behavior in auto mode is similar to semi-auto; however,
after Detect Good is reported and the port is classified, it
is automatically powered on without host intervention. In
auto mode the ICUT-2P, ILIM-2P, and PCUT-4P thresholds are
automatically set; see the Reset and the AUTO Pin section
for more information.
Detection is disabled for a port when the LTC4291-1/
LTC4292 is initially powered up with AUTO low, when
the port is in shutdown mode, or when the corresponding
Detect Enable bit is cleared.
Detection of Legacy PDs
Proprietary PDs that predate the original IEEE 802.3af
standard are commonly referred to today as legacy PDs.
One type of legacy PD uses a large common-mode capaci-
tance (>10μF) as the detection signature. Note that PDs in
this range of capacitance are defined as invalid, so a PSE
that powers legacy PDs is noncompliant with the IEEE
standard. The LTC4291-1/LTC4292 can be configured to
detect this type of legacy PD. Legacy detection is disabled
by default, but can be manually enabled on a per-port
basis. When enabled, the port will report Detect Good
when it sees either a valid IEEE PD or a high-capacitance
legacy PD. With legacy mode disabled, only valid IEEE
PDs will be recognized.
If a nonstandard PD presents an invalid detection signa-
ture not included by legacy detection, the LTC4291-1/
LTC4292 may be configured to perform classification and/
or apply power regardless of detection result. To accom-
plish this, the LTC4291-1/LTC4292 introduces per-port
Force Power and Class Event overrides. These overrides
intentionally defeat compliance checks. See the LTC4291
Software Programming documentation for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com