Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS889874 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS889874
Description  DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS889874 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS889874 Datasheet HTML 1Page - Integrated Circuit Systems ICS889874 Datasheet HTML 2Page - Integrated Circuit Systems ICS889874 Datasheet HTML 3Page - Integrated Circuit Systems ICS889874 Datasheet HTML 4Page - Integrated Circuit Systems ICS889874 Datasheet HTML 5Page - Integrated Circuit Systems ICS889874 Datasheet HTML 6Page - Integrated Circuit Systems ICS889874 Datasheet HTML 7Page - Integrated Circuit Systems ICS889874 Datasheet HTML 8Page - Integrated Circuit Systems ICS889874 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
889874AK
www.icst.com/products/hiperclocks.html
REV. A MAY 19, 2004
3
Integrated
Circuit
Systems, Inc.
ICS889874
1:2
DIFFERENTIAL-TO-LVPECL BUFFER/DIVIDER
PRELIMINARY
TABLE 3B. TRUTH TABLE
s
t
u
p
n
I
s
t
u
p
t
u
O
T
E
S
E
R
n2
S1
S0
S
10
X
X
)
h
g
u
o
r
h
t
s
s
a
p
(
k
c
o
l
C
e
c
n
e
r
e
f
e
R
11
0
0
2
÷
k
c
o
l
C
e
c
n
e
r
e
f
e
R
11
0
1
4
÷
k
c
o
l
C
e
c
n
e
r
e
f
e
R
11
1
0
8
÷
k
c
o
l
C
e
c
n
e
r
e
f
e
R
1
111
6
1
÷
k
c
o
l
C
e
c
n
e
r
e
f
e
R
01
X
X
H
G
I
H
=
Q
n
,
W
O
L
=
Q
)
1
E
T
O
N
(
;
e
l
b
a
s
i
D
k
c
o
l
C
00
X
X
H
G
I
H
=
Q
n
,
W
O
L
=
Q
)
1
E
T
O
N
(
;
e
l
b
a
s
i
D
k
c
o
l
C
t
u
p
n
i
k
c
o
l
c
t
x
e
n
e
h
t
n
o
d
e
t
r
e
s
s
a
s
i
n
o
i
t
c
n
u
f
e
l
b
a
s
i
D
/
t
e
s
e
R
:
1
E
T
O
N
.
n
o
i
t
i
s
n
a
r
t
w
o
l
-
o
t
-
h
g
i
h
)
N
I
n
/
N
I
(
tPD
tRR
VOUT Swing
VCC/2
VIN
FIGURE 1. nRESET TIMING DIAGRAM (WHEN S2 = 1)
TABLE 3A. CONTROL INPUT FUNCTION TABLE
s
t
u
p
n
Is
t
u
p
t
u
O
T
E
S
E
R
ne
c
r
u
o
S
d
e
t
c
e
l
e
S1
Q
,
0
Q1
Q
n
,
0
Q
n
0N
I
n
,
N
IW
O
L
;
d
e
l
b
a
s
i
DH
G
I
H
;
d
e
l
b
a
s
i
D
1N
I
n
,
N
Id
e
l
b
a
n
Ed
e
l
b
a
n
E
a
g
n
i
w
o
ll
o
f
d
e
l
b
a
n
e
r
o
d
e
l
b
a
s
i
d
e
r
a
s
t
u
p
t
u
o
k
c
o
l
c
e
h
t
,
s
e
h
c
t
i
w
s
T
E
S
E
R
n
r
e
t
f
A
:
E
T
O
N
n
i
n
w
o
h
s
s
a
e
g
d
e
k
c
o
l
c
t
u
p
n
i
g
n
il
l
a
f
r
u
g
i
F
e
.
1
nRESET
IN
nIN
nQ
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com