| Electronic Components Datasheet Search |
|
TC80310 Datasheet(PDF) 9 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TC80310 Datasheet(HTML) 9 Page - NXP Semiconductors |
|
9 / 31 page ![]() NXP Semiconductors 9 80310 5.2.2 LIN bus (BUS) This LIN pin represents the single-wire bus transmitter and receiver. It is suited for automotive bus systems and is based on the LIN bus specification v1.3. 5.2.3 Ground pins (PGND, SGND) The 80310 has two different types of ground pins. The PGND pin is the power ground pin for the device. The SGND is the signal ground pin. Note: The PGND, the SGND pins must be connected together to a ground external to the device. 5.2.4 Supply voltage (B+A) The 80310 is supplied by this B+A pin. This voltage is also used as the feedback voltage by the control circuit. 5.2.5 Excitation (EXC) This pin is connected to the excitation coil (rotor) of the alternator. The IC supplies a current via a high-side MOSFET to the excitation winding to create a magnetic filed in the rotor. This generates sinusoidal currents in the stator which are rectified by a diode bridge. 5.3 Functional internal block description Figure 7. Functional internal block diagram Bandgap Integrated Supply TC80310 - Functional Block Diagram Logic & Control A/D Converter Supply Voltage Logic& Control Power Clock OTP Digital Die Temperature Phase Low & High Power Stage Divider/Filter POR LIN Charge Pump Drive and Protection Current Measurement |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |