Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX14830 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX14830
Description  Quad Serial UART with 128-Word FIFOs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14830 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX14830 Datasheet HTML 50Page - Maxim Integrated Products MAX14830 Datasheet HTML 51Page - Maxim Integrated Products MAX14830 Datasheet HTML 52Page - Maxim Integrated Products MAX14830 Datasheet HTML 53Page - Maxim Integrated Products MAX14830 Datasheet HTML 54Page - Maxim Integrated Products MAX14830 Datasheet HTML 55Page - Maxim Integrated Products MAX14830 Datasheet HTML 56Page - Maxim Integrated Products MAX14830 Datasheet HTML 57Page - Maxim Integrated Products MAX14830 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
GloblComnd—Global Command Register
The GloblComnd register is the only global write register in the MAX14830. Every byte written to GloblComnd is sent
simultaneously to all four UARTs. Every byte sent by the SPI/I2C master to location 0x1F is interpreted as a global
command by all the four internal UARTs.
The MAX14830 logic supports the following commands (Table 8):
• Global Tx Synchronization
• Extended Addressing Space Enable (to get access to registers beyond address 0x1F)
• Extended Addressing Space Disable (to disable access to registers beyond address 0x1F)
The last two commands (0xCE/0xCD) enable/disable the access to registers in the extended space of the register map
when MAX14830 operates in SPI mode. The SPI command byte has only 5 bits to address a given register so that the
registers beyond 0x1F could not be addressed using the standard access method.
In I2C mode, there is no need to explicitly enable and disable the extended register map access as I2C allows up to 7
bits for register addressing.
To extend the addressing capability of the SPI command byte, send a 0xCE to location 0x1F. The internal SPI address
is generated as 0010 A3A2A1A0, where A3A2A1A0 is the least significant nibble of the command byte. Bit A4 of the
command byte is disregarded when the extended space of the register map is enabled and only the least significant
nibble is used for addressing purposes (Table 9).
Bits U1 and U0 of the command byte maintain their meaning in the extended mode. See the SPI Interface section for
more information.
To return to standard addressing mode, the SPI master has to send the 0xCD command. In this case, the internal SPI
address is generated as follows (default): 000A4 A3A2A1A0
Table 9. Extended Mode Addressing
(SPI only)
Table 8. GloblComnd Command Descriptions
ADDRESS:
0x1F
MODE:
W
BIT
7
6
5
4
3
2
1
0
NAME
GlbCo
m7 GlbCom6
GlbCom5
GlbCom4
GlbCom3
GlbCom2
GlbCom1
GlbCom0
GloblComnd[7:0]
COMMAND DESCRIPTION
0xE0
Tx Command 0
0xE1
Tx Command 1
0xE2
Tx Command 2
0xE3
Tx Command 3
0xE4
Tx Command 4
0xE5
Tx Command 5
0xE6
Tx Command 6
0xE7
Tx Command 7
0xE8
Tx Command 8
0xE9
Tx Command 9
0xEA
Tx Command 10
0xEB
Tx Command 11
0xEC
Tx Command 12
0xED
Tx Command 13
0xEE
Tx Command 14
GloblComnd[7:0]
COMMAND DESCRIPTION
0xEF
Tx Command 15
0xCE
Enable extended register map access
0xCD
Disable extended register map access
REGISTER
SPI MODE
ADDRESS
I2C MODE
ADDRESS
TxSynch
0x00
0x20
SynchDelay1
0x01
0x21
SynchDelay2
0x02
0x22
TIMER1
0x03
0x23
TIMER2
0x04
0x24
RevID
0x05
0x25
MAX14830
Quad Serial UART with 128-Word FIFOs
www.maximintegrated.com
Maxim Integrated │ 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com