Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26LS31MW Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS26LS31MW
Description  QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26LS31MW Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DS26LS31MW Datasheet HTML 1Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 2Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 3Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 4Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 5Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 6Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 7Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 8Page - National Semiconductor (TI) DS26LS31MW Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Original Creation Date: 01/24/96
Last Update Date: 11/15/96
Last Major Revision Date: 01/24/96
MNDS26LS31M-X REV 0A0
MILITARY DATA SHEET
QUAD HIGH SPEED DIFFERENTIAL LINE DRIVER
General Description
The DS26LS31 is a quad differential line driver designed for digital data transmission
over balanced lines. The DS26LS31 meets all the requirements of EIA Standard RS-422 and
Federal Standard 1020. It is designed to provide unipolar differential drive to
twisted-pair or parallel-wire transmission lines.
The circuit provides an enable and disable function common to all four drivers. The
DS26LS31 features TRI-STATE outputs and logically ANDed complementary outputs. The inputs
are all LS compatible and are all one unit load.
The DS26LS31 features a power up/down protection circuit which keeps the output in a high
impedance state (TRI-STATE) during power up or down preventing erroneous glitches on the
transmission lines.
NS Part Numbers
DS26LS31ME/883
DS26LS31MJ/883
DS26LS31MW/883
Industry Part Number
DS26LS31
Prime Die
DS26LS31
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - DS26LS31MW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31MW/883 NSC-DS26LS31MW/883 Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
DS26LS31MW/883 TI-DS26LS31MW/883 Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31MW883 TI-DS26LS31MW883 Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
More results

Similar Description - DS26LS31MW

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26LS31C NSC-DS26LS31C Datasheet
226Kb / 8P
Quad High Speed Differential Line Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Sipex Corporation
SP26LV431 SIPEX-SP26LV431 Datasheet
138Kb / 13P
High Speed, 3.3V Quad RS-422 Differential Line Driver
SP431 SIPEX-SP431 Datasheet
367Kb / 15P
High Speed, 3.3V Quad RS-422 Differential Line Driver
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
Exar Corporation
SP26LV431 EXAR-SP26LV431 Datasheet
777Kb / 22P
HIGH SPEED 3.3V QUAD RS-422 DIFFERENTIAL LINE DRIVER
logo
Texas Instruments
DS26LS31MQML TI1-DS26LS31MQML Datasheet
647Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31CMX TI-DS26LS31CMX Datasheet
885Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
DS26LS31ME-SMD TI-DS26LS31ME-SMD Datasheet
470Kb / 14P
DS26LS31MQML Quad High Speed Differential Line Driver
DS26LS31C TI1-DS26LS31C_15 Datasheet
905Kb / 13P
DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com